Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE Datasheet(PDF) 11 Page - Linear Technology

Part # LT3592IMSE
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3592IMSE Datasheet HTML 7Page - Linear Technology LT3592IMSE Datasheet HTML 8Page - Linear Technology LT3592IMSE Datasheet HTML 9Page - Linear Technology LT3592IMSE Datasheet HTML 10Page - Linear Technology LT3592IMSE Datasheet HTML 11Page - Linear Technology LT3592IMSE Datasheet HTML 12Page - Linear Technology LT3592IMSE Datasheet HTML 13Page - Linear Technology LT3592IMSE Datasheet HTML 14Page - Linear Technology LT3592IMSE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3592
11
3592fa
APPLICATIONS INFORMATION
(~0.4V at maximum load). This leads to a minimum input
voltage of:
V
IN(MIN) =
V
OUT + VD
DC
MAX
–V
D + VSW
with DCmax = 0.90.
The maximum input voltage is determined by the absolute
maximum ratings of the VIN and BOOST pins. The con-
tinuous mode operation, the maximum input voltage is
determined by the minimum duty cycle, which is dependent
upon the oscillator frequency:
DCMIN = FOSC • 70nsec
V
IN(MAX) =
V
OUT + VD
DC
MIN
–V
D + VSW
Note that this is a restriction on the operating input voltage
for continuous mode operation. The circuit will tolerate
transient inputs up to the absolute maximum of the VIN
and BOOST pins. The input voltage should be limited to
the VIN absolute maximum range (36V) during overload
conditions (short circuit or startup).
Minimum On Time
The LT3592 will still regulate the output properly at input
voltages that exceed VIN(MAX) (up to 36V); however, the
output voltage ripple increases as the input voltage is
increased.
Figure 1 illustrates switching waveforms in a 2.2mHz single
red LED application near VIN(MAX) = 24V.
As the input voltage is increased, the part is required to
switch for shorter periods of time. Delays associated with
turning off the power switch dictate the minimum on time
of the part. The minimum on time for the LT3592 is ~70ns.
Figure 2 illustrates the switching waveforms when the
input voltage is increased to VIN = 26V.
Now the required on time has decreased below the mini-
mum on time of 70ns. Instead of the switch pulse width
becoming narrower to accommodate the lower duty
cycle requirement, the switch pulse width remains fixed
at 70ns. In Figure 2, the inductor current ramps up to a
value exceeding the load current and the output ripple
increases to about 70mV. The part then remains off until
the output voltage dips below the programmed value
before it switches again.
Provided that the load can tolerate the increases output
voltage ripple and the the components have been properly
selected, operation about VIN(MAX) is safe and will not dam-
age the part. Figure 3 illustrates the switching waveforms
when the input voltage is increased to 36V.
Figure 1.
Figure 2.
Figure 3.
1μs/DIV
VSW
20V/DIV
3592 F01
VOUT
50mV/DIV
IL
500mA/DIV
1μs/DIV
VSW
20V/DIV
3592 F02
VOUT
50mV/DIV
IL
500mA/DIV
1μs/DIV
VSW
20V/DIV
3592 F03
VOUT
50mV/DIV
IL
500mA/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com