Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE Datasheet(PDF) 24 Page - Linear Technology

Part # LT3592IMSE
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3592IMSE Datasheet HTML 16Page - Linear Technology LT3592IMSE Datasheet HTML 17Page - Linear Technology LT3592IMSE Datasheet HTML 18Page - Linear Technology LT3592IMSE Datasheet HTML 19Page - Linear Technology LT3592IMSE Datasheet HTML 20Page - Linear Technology LT3592IMSE Datasheet HTML 21Page - Linear Technology LT3592IMSE Datasheet HTML 22Page - Linear Technology LT3592IMSE Datasheet HTML 23Page - Linear Technology LT3592IMSE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT3592
24
3592fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1108 REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LT1932
Constant Current, 1.2MHz, High Efficiency White LED Boost
Regulator
VIN(MIN) = 1V, VIN(MAX) = 10V, VOUT(MAX) = 34V, Dimming Analog/PWM,
ISD < 1μA, ThinSOT™ Package
LT3465/
LT3465 A
Constant Current, 1.2/2.7MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN(MIN) = 2.7V, VIN(MAX) = 16V, VOUT(MAX) = 34V, Dimming Analog/PWM,
ISD < 1μA, ThinSOT Package
LT3466/
LT3466-1
Dual Constant Current, 2MHz, High Efficiency White LED
Boost Regulator with Integrated Schottky Diode
VIN(MIN) = 2.7V, VIN(MAX) = 24V, VOUT(MAX) = 40V, Dimming 5mA,
ISD < 16μA, 3mm × 3mm DFN-10 Package
LT3474/
LT3474-1
36V, 1A (ILED), 2MHz,Step-Down LED Driver
VIN(MIN) = 4V, VIN(MAX) = 36V, VOUT(MAX) = 13.5V, Dimming 400:1 True
Color PWM, ISD < 1μA, TSSOP-16E Package
LT3475/
LT3475-1
Dual 1.5A(ILED), 36V, 2MHz,Step-Down LED Driver
VIN(MIN) = 4V, VIN(MAX) = 36V, VOUT(MAX) = 13.5V, Dimming 3,000:1 True
Color PWM, ISD < 1μA, TSSOP-20E Package
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver with
1,000:1 Dimming
VIN(MIN) = 2.8V, VIN(MAX) = 16V, VOUT(MAX) = 36V, Dimming 1,000:1 True
Color PWM, ISD < 10μA, 5mm × 7mm QFN-10 Package
LT3478/
LT3478-1
4.5A, 2MHz High Current LED Driver with 3,000:1 Dimming
VIN(MIN) = 2.8V, VIN(MAX) = 36V, VOUT(MAX) = 40V, Dimming 1,000:1 True
Color PWM, ISD < 10μA, 5mm × 7mm QFN-10 Package
LT3486
Dual 1.3A , 2MHz High Current LED Driver
VIN(MIN) = 2.5V, VIN(MAX) = 24V, VOUT(MAX) = 36V, Dimming 1,000:1 True
Color PWM, ISD < 1μA, 5mm × 3mm DFN, TSSOP-16E Package
LT3491
Constant Current, 2.3MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN(MIN) = 2.5V, VIN(MAX) = 12V, VOUT(MAX) = 27V, Dimming 300:1 True
Color PWM, ISD < 8μA, 2mm × 2mm DFN-6, SC70 Package
LT3496
Triple Output 750mA, 2.1 MHz High Current LED Driver with
3,000:1 Dimming
VIN(MIN) = 3V, VIN(MAX) = 30V, VOUT(MAX) = 40V, Dimming 3,000:1 True
Color PWM, ISD < 1μA, 4mm × 5mm QFN-28 Package
LT3497
Dual 2.3MHz, Full Function LED Driver with Integrated
Schottkys and 250:1 True Color PWM Dimming
VIN(MIN) = 2.5V, VIN(MAX) = 10V, VOUT(MAX) = 32V, Dimming 250:1 True
Color PWM, ISD < 12μA, 2mm × 3mm DFN-10 Package
LT3498
20mA LED Driver and OLED Driver Integrated Schottkys
VIN(MIN) = 2.5V, VIN(MAX) = 12V, VOUT(MAX) = 32V, Dimming Analog/PWM,
ISD < 8.5μA, 2mm × 3mm DFN-10 Package
LT3517
1.3A, 2.5MHz High Current LED Driver with 3,000:1 Dimming VIN(MIN) = 3V, VIN(MAX) = 30V, Dimming 3,000:1 True Color PWM,
ISD < 1μA, 4mm × 4mm QFN-16 Package
LT3518
2.3A, 2.5MHz High Current LED Driver with 3,000:1 Dimming VIN(MIN) = 3V, VIN(MAX) = 30V, Dimming 3,000:1 True Color PWM,
ISD < 1μA, 4mm × 4mm QFN-16 Package
LT3590
48V, 850kHz, 50mA Step-Down LED Driver
VIN(MIN) = 4.5V, VIN(MAX) = 50V, Dimming 0.4, ISD < 15μA, 2mm × 2mm
DFN-6, SC70 Package
LT3591
Constant Current, 1MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode and 80:1 True Color
PWM Dimming
VIN(MIN) = 2.5V, VIN(MAX) = 12V, VOUT(MAX) = 40V, Dimming 80:1 True
Color PWM, ISD < 9μA, 3mm × 2mm DFN-8 Package
ThinSOT is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com