Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3592IMSE
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE Datasheet(HTML) 2 Page - Linear Technology

  LT3592IMSE Datasheet HTML 1Page - Linear Technology LT3592IMSE Datasheet HTML 2Page - Linear Technology LT3592IMSE Datasheet HTML 3Page - Linear Technology LT3592IMSE Datasheet HTML 4Page - Linear Technology LT3592IMSE Datasheet HTML 5Page - Linear Technology LT3592IMSE Datasheet HTML 6Page - Linear Technology LT3592IMSE Datasheet HTML 7Page - Linear Technology LT3592IMSE Datasheet HTML 8Page - Linear Technology LT3592IMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3592
2
3592fa
ABSOLUTE MAXIMUM RATINGS
VIN, BRIGHT Voltages ................................ –0.3V to 36V
BOOST Voltage .........................................................60V
BOOST above SW pin ...............................................30V
CAP, OUT Voltages (OUT ≤ CAP) ...............................30V
VFB Voltage .................................................................4V
RT Voltage...................................................................6V
(Note 1)
TOP VIEW
DDB PACKAGE
10-LEAD (3mm
2mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
VFB
OUT
CAP
BOOST
SW
RT
BRIGHT
SHDN
VIN
DA
θJA = 76°C/W, θJC = 13.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
RT
BRIGHT
SHDN
VIN
DA
10
9
8
7
6
11
VFB
OUT
CAP
BOOST
SW
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
θJA = 38°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3592EDDB#PBF
LT3592EDDB#TRPBF
LDCQ
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3592IDDB#PBF
LT3592IDDB#TRPBF
LDCQ
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3592EMSE#PBF
LT3592EMSE#TRPBF
LTDCR
10-Lead Plastic MSOP
–40°C to 125°C
LT3592IMSE#PBF
LT3592IMSE#TRPBF
LTDCR
10-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3592EDDB
LT3592EDDB#TR
LDCQ
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3592IDDB
LT3592IDDB#TR
LDCQ
10-Lead (3mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3592EMSE
LT3592EMSE#TR
LTDCR
10-Lead Plastic MSOP
–40°C to 125°C
LT3592IMSE
LT3592IMSE#TR
LTDCR
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SHDN Voltage ............................................................VIN
DA Pin Current (Average)..................... –1.2A (sourcing)
Operating Temperature Range (Notes 2, 3)
LT3592E............................................. –40°C to 125°C
LT3592I.............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com