Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-SN Datasheet(PDF) 15 Page - Actel Corporation

Part # COREAI-SN
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SN Datasheet(HTML) 15 Page - Actel Corporation

Back Button COREAI-SN Datasheet HTML 11Page - Actel Corporation COREAI-SN Datasheet HTML 12Page - Actel Corporation COREAI-SN Datasheet HTML 13Page - Actel Corporation COREAI-SN Datasheet HTML 14Page - Actel Corporation COREAI-SN Datasheet HTML 15Page - Actel Corporation COREAI-SN Datasheet HTML 16Page - Actel Corporation COREAI-SN Datasheet HTML 17Page - Actel Corporation COREAI-SN Datasheet HTML 18Page - Actel Corporation COREAI-SN Datasheet HTML 19Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
CoreAI
v2.0
15
Table 25 • ADC Status Register (high-order)
Bits
Name
Function
7
CALIBRATE
ADC Calibrate
1 – The ADC is busy performing its calibration.
0 – The ADC is calibrated.
(Refer to the
Fusion datasheet for further information.)
6
SAMPLE
ADC Sample
1 – The ADC is sampling the selected analog input.
0 – Normal (no operation or the ADC has finished the sampling phase)
(Refer to the
Fusion datasheet for further information.)
5
BUSY
ADC Busy
1 – The ADC is busy performing an analog-to-digital conversion.
0 – The ADC is not busy.
(Refer to the
Fusion datasheet for further information.)
4
DATAVALID
ADC Data Valid
1 – The ADC contains valid data from an analog-to-digital conversion on the RESULT[11:0] outputs.
0 – Normal (no operation or current conversion continues)
(Refer to the
Fusion datasheet for further information.)
3:0
RESULT[11:8]
ADC Result (high-order)
These bits come from the RESULT[11:8] bits of the AB macro.
(Refer to the
Fusion datasheet for further information.)
Table 26 • Read FIFO Data Output Register
Bits
Name
Function
7:0
DOUT[7:0]
Read FIFO Data Output
If CoreAI is used in 8-bit APB read/write mode, the read FIFO must be read twice to retrieve one
ADC sample of result data (two bytes); in this case, the low-order byte would be read first and the
high-order byte second. Note also that in 8-bit APB read/write mode, the read FIFO will not become
empty until the last high-order byte has been read from the FIFO, i.e., an even number of reads
must occur. If CoreAI is used in 16-bit APB read/write mode, the read FIFO will be read as one 16-bit
word at once (with only the lower 12 bits being significant, since the ADC result has 12 bits of
resolution); in this case, DOUT[15:0] will appear on the PRDATA[15:0] output port, rather than
DOUT[7:0] appearing on PRDATA[7:0] as in 8-bit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com