Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-SN Datasheet(PDF) 3 Page - Actel Corporation

Part # COREAI-SN
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SN Datasheet(HTML) 3 Page - Actel Corporation

  COREAI-SN Datasheet HTML 1Page - Actel Corporation COREAI-SN Datasheet HTML 2Page - Actel Corporation COREAI-SN Datasheet HTML 3Page - Actel Corporation COREAI-SN Datasheet HTML 4Page - Actel Corporation COREAI-SN Datasheet HTML 5Page - Actel Corporation COREAI-SN Datasheet HTML 6Page - Actel Corporation COREAI-SN Datasheet HTML 7Page - Actel Corporation COREAI-SN Datasheet HTML 8Page - Actel Corporation COREAI-SN Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CoreAI
v2.0
3
Functional Block Descriptions
CoreAI, shown in Figure 1 on page 2, consists of the
microprocessor interface logic, ACM interface logic, and
ADC interface logic blocks. The microprocessor interface
logic implements APB slave logic and generates a
maskable interrupt. The ACM interface block writes
configuration data into the AB macro to control Analog
Quad and RTC settings. The ADC interface block sends
control data to and receives status information from the
ADC.
CoreAI Device Requirements
CoreAI has been implemented in the Actel Fusion device family. A summary of the data for CoreAI is listed in Table 1
and Table 2.
CoreAI Verification
The comprehensive simulation testbench verifies correct operation of the CoreAI macro.
The testbench applies several tests to the CoreAI macro, including the following:
•
Voltage monitor, current monitor, and temperature monitor tests
•RTC tests
•
Gate-driver control tests
Using the supplied testbench as a guide, the user can alter the verification of the core by adding custom tests or
removing existing tests.
Table 1 • CoreAI Device Utilization and Performance (minimum configuration)
Family
Cells or Tiles
Utilization
Performance
Sequential
Combinatorial
Total
Device
Total
Fusion
45
105
150
AFS090
7%
150 MHz
Note: Data in this table were achieved using typical synthesis and layout settings. Top-level parameters/generics that differ from the
default values were set as follows: FIXED_VAREFSEL = 1, FIXED_VAREFSEL_VAL = 0, FIXED_MODE = 1, FIXED_MODE_VAL = 0,
FIXED_TVC = 1, FIXED_TVC_VAL = 0, FIXED_STC = 1, FIXED_STC_VAL = 0, CFG_ACx = 512, CFG_ATx = 512, DISABLE_TMSTBINT = 1,
CFG_GDx = 768, ACTLOW_INTERRUPT = 0, DISABLE_INTERRUPT = 1, APB_16BIT_DATA = 1.
Table 2 • CoreAI Device Utilization and Performance (maximum configuration)
Family
Cells or Tiles
Utilization
Performance
Sequential
Combinatorial
Total
FIFO
Device
Total
Fusion
130
330
460
1
AFS090
20%
133 MHz
Note: Data in this table were achieved using typical synthesis and layout settings. Top-level parameters/generics that differ from the
default
values
were
set
as
follows:
ACM_CLK_DIV = 4,
USE_RTC = 1,
USE_RDFIFO = 1,
USE_RDFIFO_AEVAL = 16,
USE_RDFIFO_AFVAL = 240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com