Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-SN Datasheet(PDF) 19 Page - Actel Corporation

Part # COREAI-SN
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SN Datasheet(HTML) 19 Page - Actel Corporation

Back Button COREAI-SN Datasheet HTML 15Page - Actel Corporation COREAI-SN Datasheet HTML 16Page - Actel Corporation COREAI-SN Datasheet HTML 17Page - Actel Corporation COREAI-SN Datasheet HTML 18Page - Actel Corporation COREAI-SN Datasheet HTML 19Page - Actel Corporation COREAI-SN Datasheet HTML 20Page - Actel Corporation COREAI-SN Datasheet HTML 21Page - Actel Corporation COREAI-SN Datasheet HTML 22Page - Actel Corporation COREAI-SN Datasheet HTML 23Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
CoreAI
v2.0
19
Real-Time Counter
0x3F
–
Reserved
Unused
0x40
COUNTER0
Counter bits 7:0
RTC
0x41
COUNTER1
Counter bits 15:8
RTC
0x42
COUNTER2
Counter bits 23:16
RTC
0x43
COUNTER3
Counter bits 31:24
RTC
0x44
COUNTER4
Counter bits 39:32
RTC
0x45
–
Reserved
Unused
0x46
–
Reserved
Unused
0x47
–
Reserved
Unused
0x48
MATCHREG0
Match register bits 7:0
RTC
0x49
MATCHREG1
Match register bits 15:8
RTC
0x4A
MATCHREG2
Match register bits 23:16
RTC
0x4B
MATCHREG3
Match register bits 31:24
RTC
0x4C
MATCHREG4
Match register bits 39:32
RTC
0x4D
–
Reserved
Unused
0x4E
–
Reserved
Unused
0x4F
–
Reserved
Unused
0x50
MATCHBITS0
Individual match bits 7:0
RTC
0x51
MATCHBITS1
Individual match bits 15:8
RTC
0x52
MATCHBITS2
Individual match bits 23:16
RTC
0x53
MATCHBITS3
Individual match bits 31:24
RTC
0x54
MATCHBITS4
Individual match bits 39:32
RTC
0x55
–
Reserved
Unused
0x56
–
Reserved
Unused
0x57
–
Reserved
Unused
0x58
CTRL_STAT
Control (write) / Status (read) register bits 7:0
RTC
0x59
TEST_REG
Test register(s)
RTC
0x60
–
Reserved
Unused
0x61
–
Reserved
Unused
…
…
…
Unused
0xFF
–
Reserved
Unused
Table 32 • ACM Address Map (Analog Quads and RTC)* (Continued)
PADDR[4:0]
Name
Description
Associated Peripheral
Note: *Address values are given in hexadecimal format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com