Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-SN Datasheet(PDF) 17 Page - Actel Corporation

Part # COREAI-SN
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SN Datasheet(HTML) 17 Page - Actel Corporation

Back Button COREAI-SN Datasheet HTML 13Page - Actel Corporation COREAI-SN Datasheet HTML 14Page - Actel Corporation COREAI-SN Datasheet HTML 15Page - Actel Corporation COREAI-SN Datasheet HTML 16Page - Actel Corporation COREAI-SN Datasheet HTML 17Page - Actel Corporation COREAI-SN Datasheet HTML 18Page - Actel Corporation COREAI-SN Datasheet HTML 19Page - Actel Corporation COREAI-SN Datasheet HTML 20Page - Actel Corporation COREAI-SN Datasheet HTML 21Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
CoreAI
v2.0
17
Table 30 • Interrupt Status Register (low-order)
Bits
Name
Function
7
Reserved
Not used
6
INT[6]
RTC Match Rising Edge – If 1, the RTCMATCH output has transitioned high, indicating that the RTC
has reached the desired count.
5
INT[5]
ACM Read Done – If 1, an ACM read cycle has completed and valid data can be read from the
ACM DATA register.
4
INT[4]
ACM Write Done – If 1, an ACM write cycle has completed and valid data has been written into the
AB macro.
3
INT[3]
DATAVALID Rising Edge – If 1, the DATAVALID signal from the AB block has transitioned high,
indicating that valid converted data from the ADC is available on the RESULT[11:0] output port
from the AB block.
2
INT[2]
BUSY Rising Edge – If 1, the BUSY signal from the AB block has transitioned high, indicating that
the ADC has begun an analog-to-digital conversion and is now busy performing that conversion.
1
INT[1]
CALIBRATE Falling Edge – If 1, the CALIBRATE signal from the AB block has transitioned low,
indicating that the ADC has finished its calibration procedure.
0
INT[0]
CALIBRATE Rising Edge – If 1, the CALIBRATE signal from the AB block has transitioned high,
indicating that the ADC has started its calibration procedure.
Table 31 • Interrupt Status Register (high-order)
Bits
Name
Function
7
INT[14]
Read FIFO Almost Empty Rising Edge – If 1, the Almost Empty flag from the read FIFO has
transitioned high, indicating that it is almost empty.
6
INT[13]
Read FIFO Almost Empty Falling Edge – If 1, the Almost Empty flag from the read FIFO has
transitioned low, indicating that it is no longer almost empty.
5
INT[12]
Read FIFO Empty Rising Edge – If 1, the Empty flag from the read FIFO has transitioned high,
indicating that it is now empty.
4
INT[11]
Read FIFO Empty Falling Edge – If 1, the Empty flag from the read FIFO has transitioned low,
indicating that it is no longer empty.
3
INT[10]
Read FIFO Almost Full Rising Edge – If 1, the Almost Full flag from the read FIFO has transitioned
high, indicating that it is almost full.
2
INT[9]
Read FIFO Almost Full Falling Edge – If 1, the Almost Full flag from the read FIFO has transitioned
low, indicating that it is no longer almost full.
1
INT[8]
Read FIFO Full Rising Edge – If 1, the Full flag from the read FIFO has transitioned high, indicating
that it is now full.
0
INT[7]
Read FIFO Full Falling Edge – If 1, the Full flag from the read FIFO has transitioned low, indicating
that it is no longer full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com