Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1059CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1059CS
Description  High Performance Switched Capacitor Universal Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1059CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1059CS Datasheet HTML 1Page - Linear Technology LTC1059CS Datasheet HTML 2Page - Linear Technology LTC1059CS Datasheet HTML 3Page - Linear Technology LTC1059CS Datasheet HTML 4Page - Linear Technology LTC1059CS Datasheet HTML 5Page - Linear Technology LTC1059CS Datasheet HTML 6Page - Linear Technology LTC1059CS Datasheet HTML 7Page - Linear Technology LTC1059CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1059
1
1059fd
■
Sinewave Oscillators
■
Sweepable Bandpass/Notch Filters
■
Full Audio Frequency Filters
■
Tracking Filters
■
All Filter Parameters
Guaranteed Over Temperature
■
Wide Center Frequency Range (0.1Hz to 40kHz)
■
Low Noise, Wide Dynamic Range
■
Guaranteed Operation for ±2.37V and ±5V Supply
■
Low Power Consumption
■
Guaranteed Clock-to-Center Frequency Accuracy of
0.8%
■
Guaranteed Low Offset Voltages Over Temperature
■
Very Low Center Frequency and Q Tempco
■
Clock Input T2L or CMOS Compatible
■
Separate Highpass (or Notch or Allpass), Bandpass,
Lowpass Outputs
High Performance
Switched Capacitor Universal Filter
The LTC
®1059 consists of a general purpose, high perfor-
mance, active filter building block and an uncommitted op
amp. The filter building block together with an external
clock and 2 to 5 resistors can produce various 2nd order
functions which are available at its three output pins. Two
out of three always provide lowpass and bandpass func-
tions while the third output pin can produce notch or
highpass or allpass. The center frequency of these func-
tions can be tuned from 0.1Hz to 40kHz and is dependent
on an external clock or an external clock and a resistor
ratio. The filter can handle input frequencies up to 100kHz.
The uncommitted op amp can be used to obtain additional
allpass and notch functions, for gain adjustment or for
cascading techniques.
Higher than 2nd order filter functions can be obtained by
cascading the LTC1059 with the LTC1060 dual universal
filter or the LTC1061 triple universal filter. Any classical
filter realization (such as Butterworth, Cauer, Bessel and
Chebyshev) can be formed.
The LTC1059 can be operated with single or dual supplies
ranging from ±2.37V to ±8V (or 4.74V to 16V single
supply).
The LTC1059 is manufactured by using Linear Technology’s
enhanced LTCMOS
TM silicon gate process.
Wide Range 2nd Order Bandpass/Notch Filter with Q = 10
1059 TA01a
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–8V
8V
LTC1059
NOTCH OUT
BP OUT
50k
50k
7.15k
T2L CLOCK IN ≤ 2MHz
VIN
DC-200kHz
BP
N/AP/HP
INV1
S1
SA
V+
LSh
LP
V02
INV2
AGND
V–
50/100/HOLD
CLK
TYPICAL APPLICATIO
APPLICATIO S
FEATURES
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTCMOS trademark of Linear Technology Corporation.
Center Frequency and Q Error
IDEAL CENTER FREQUENCY (kHz)
0
10
20
25
45
1058 TA01b
515
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
30
25
20
15
10
5
0
TA = 25°C
CLOCK
CENTER FREQUENCY
35.35
1
=
CENTER
FREQUENCY
ERROR
Q ERROR


Similar Part No. - LTC1059CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
High Performance Switched Capacitor Universal Filter?
logo
Analog Devices
LTC1059CS AD-LTC1059CS Datasheet
121Kb / 8P
High Performance Switched Capacitor Universal Filter
REV D
More results

Similar Description - LTC1059CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
MF10 NSC-MF10 Datasheet
706Kb / 20P
Universal Monolithic Dual Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
High Performance Switched Capacitor Universal Filter?
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Linear Technology
LT1059 LINER-LT1059 Datasheet
458Kb / 8P
HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER
logo
National Semiconductor ...
MF5CN NSC-MF5CN Datasheet
293Kb / 16P
MF5 Universal Monolithic Switched Capacitor Filter
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
Universal Monolithic Switched Capacitor Filter
logo
Linear Technology
LTC1059 LINER-LTC1059_15 Datasheet
126Kb / 8P
High Performance Switched Capacitor Universal Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com