Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1059CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1059CS
Description  High Performance Switched Capacitor Universal Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1059CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1059CS Datasheet HTML 1Page - Linear Technology LTC1059CS Datasheet HTML 2Page - Linear Technology LTC1059CS Datasheet HTML 3Page - Linear Technology LTC1059CS Datasheet HTML 4Page - Linear Technology LTC1059CS Datasheet HTML 5Page - Linear Technology LTC1059CS Datasheet HTML 6Page - Linear Technology LTC1059CS Datasheet HTML 7Page - Linear Technology LTC1059CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC1059
5
1059fd
Graph 10. Mode 1: (fCLK/f0)
vs fCLK and Q
Graph 11. Mode 1: (fCLK/f0)
vs fCLK and Q
Graph 12. Mode 1: (fCLK/f0)
vs fCLK and Temperature
Graph 13. Mode 1: (fCLK/f0)
vs fCLK and Temperature
Graph 14. Mode 1: Notch Depth
vs Clock Frequency
Graph 15. Mode 3: Deviation of
(fCLK/f0) with Respect to Q = 10
Measurement
Graph 16. Mode 3: Q Error
vs Clock Frequency
Graph 17. Mode 3 (R2 = R4): Q
Error vs Clock Frequency
Graph 18. Mode 3 (R2 = R4):
Measured Q vs fCLK and
Temperature
fCLK (MHz)
0
0
0.2
0.4
0.6
1.0
0.2
0.4
0.6
0.8
1059 G13
1.0
1.2
0.8
–55°C
TA = 25°C
85°C
125°C
= 50:1
fCLK
f0
VS= ±2.5V
Q = 10
–0.2
fCLK (MHz)
0
80
100
120
0.6
1.0
1059 G14
60
40
0.2
0.4
0.8
1.2
1.4
1.6
20
0
Q = 10
50:1
Q = 10
100:1
Q = 1
100:1
VS= ±5V
TA = 25°C
VIN = 1VRMS
IDEAL Q
0.1
– 0.3
0.3
– 0.2
0.2
– 0.1
0
0.1
110
100
1059 G15
– 0.4
0.4
– 0.5
– 0.6
VS = ±5V
TA = 25°C
PIN 9 AT 100:1
fCLK = 500:1
fCLK
f0
√
R2
R4
= 5
fCLK = 200:1
fCLK
f0
√
R2
R4
= 2
(A)
(B)
fCLK (MHz)
0.2
10
10
20
0.6
1.0 1.2
2.0
1059 G16
20
0
0
0.4
0.8
1.4 1.6 1.8
= 100:1
fCLK
f0
TA = 25°C
= 50:1
fCLK
f0
VS= ±5V
VS= ± 2.5V
VS= ±5V
VS= ± 2.5V
Q = 10
Q = 10
Q = 10
20
20
5
5
50
50
5
5
Q = 10
fCLK (MHz)
0.2
0
0
20
0.6
1.0 1.2
2.0
1059 G18
20
0.4
0.8
1.4 1.6 1.8
= 100:1
fCLK
f0
= 50:1
fCLK
f0
VS= ±5V
Q = 10
–55°C
–55°C
125°C
125°C
85°C
85°C
TA = 25°C
TA = 25°C
fCLK (MHz)
0
0.6
0.8
1.0
0.3
0.5
1059 G10
0.4
0.2
0.1
0.2
0.4
0.6
0.8
0.7
0
–0.2
Q = 50
Q = 5
= 100:1
fCLK
f0
VS= ±2.5V
TA = 25°C
Q = 20
Q = 10
fCLK (MHz)
0
0.6
0.8
0.3
0.5
1059 G11
0.4
0.2
0.1
0.2
0.4
0.6
0.8
0.7
0
–0.2
–0.4
Q = 50
Q = 5
= 50:1
fCLK
f0
VS= ±2.5V
TA = 25°C
Q = 20
Q = 10
fCLK (MHz)
0
0
0.2
0.4
0.6
1.0
0.2
0.4
0.6
0.8
1059 • G12
1.0
1.2
0.8
= 100:1
fCLK
f0
VS= ±2.5V
Q = 10
–55°C
TA = 25°C
85°C
125°C
–0.2
TYPICAL PERFOR A CE CHARACTERISTICS
fCLK (MHz)
0.2
10
10
20
0.6
1.0 1.2
2.0
1059 G17
20
0
0
0.4
0.8
1.4 1.6 1.8
= 50:1
fCLK
f0
= 100:1
fCLK
f0
VS= ±7.5V
TA = 25°C
50
5
50
5
Q = 10
Q = 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com