Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1059CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1059CS
Description  High Performance Switched Capacitor Universal Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1059CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1059CS Datasheet HTML 1Page - Linear Technology LTC1059CS Datasheet HTML 2Page - Linear Technology LTC1059CS Datasheet HTML 3Page - Linear Technology LTC1059CS Datasheet HTML 4Page - Linear Technology LTC1059CS Datasheet HTML 5Page - Linear Technology LTC1059CS Datasheet HTML 6Page - Linear Technology LTC1059CS Datasheet HTML 7Page - Linear Technology LTC1059CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1059
4
1059fd
Graph 1. Mode 1:
(fCLK/f0) Deviation vs Q
Graph 2. Mode 1:
(fCLK/f0) Deviation vs Q
Graph 4. Mode 1: Q Error
vs Clock Frequency
Graph 5. Mode 1: Measured Q
vs fCLK and Temperature
Graph 6. Mode 1: (fCLK/f0)
vs fCLK and Q
Graph 7. Mode 1: (fCLK/f0)
vs fCLK and Q
Graph 8. Mode 1: (fCLK/f0)
vs fCLK and Temperature
Graph 9. Mode 1: (fCLK/f0)
vs fCLK and Temperature
IDEAL Q
0.1
–1.6
–1.2
–0.8
–0.4
0
110
100
1060 G01
–2.0
–2.4
–2.8
–3.2
0.4
0.8
VS = ±5V
TA = 25°C
fCLK = 250kHz
= 50 (TEST POINT)
fCLK
f0
IDEAL Q
0.1
– 0.3
– 0.2
– 0.1
0
0.1
0.2
0.3
110
100
1060 G02
– 0.4
– 0.5
– 0.6
– 0.7
fCLK = 100 (TEST POINT)
fCLK
f0
VS = ±5V
TA = 25°C
fCLK = 500kHz
fCLK (MHz)
0.2
0
10
0
10
20
0.6
1.0 1.2
2.0
1060 G03
20
0.4
0.8
1.4 1.6 1.8
= 50:1
fCLK
f0
= 100:1
fCLK
f0
VS = ±2.5V
TA = 25°C
VS = ±5V
VS = ±5V
50
5
20
5
Q = 20
Q = 10
5
5
Q = 20
Q = 10
50
VS = ±2.5V
100
100
20
fCLK (MHz)
0.2
0
0
20
0.6
1.0 1.2
2.0
1059 G05
20
0.4
0.8
1.4 1.6 1.8
= 100:1
fCLK
f0
= 50:1
fCLK
f0
VS= ±5V
Q = 10
–55°C
–55°C
125°C
125°C
85°C
85°C
TA = 25°C
TA = 25°C
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
1059 G06
0.2
0
0.2
0.4
0.8
1.2
1.4
1.6
–0.2
–0.4
= 100:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 5
Q = 10
Q = 50
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
1059 G07
0.2
0
0.2
0.4
0.8
1.2
1.4
1.6
–0.2
–0.4
= 50:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 5
Q = 10
Q = 20
Q = 50
fCLK (MHz)
0.2
–0.2
0
0.2
0.6
0.6
1.0
1.4
1.8
1059 G08
0.8
0.4
1.0
0.4
0.8
1.2
1.6
85°C
125°C
fCLK
f0
= 100:1
VS= ±5V
Q = 10
–55°C
TA = 25°C
fCLK (MHz)
0.2
–0.2
0
0.2
0.6
0.6
1.0
1.4
1.8
1059 G09
0.8
0.4
1.0
0.4
0.8
1.2
1.6
fCLK
f0
= 50:1
VS= ±5V
Q = 10
–55°C
85°C
125°C
TA = 25°C
Graph 3. Mode 1: Q Error
vs Clock Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
fCLK (MHz)
0.2
0
10
0
10
20
0.6
1.0 1.2
2.0
1059 G04
20
0.4
0.8
1.4 1.6 1.8
= 100:1
fCLK
f0
VS = ±7.5V
TA = 25°C
= 50:1
fCLK
f0
5
Q = 10
50
Q = 10
5
50-100
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com