Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1059CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1059CS
Description  High Performance Switched Capacitor Universal Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1059CS Datasheet(HTML) 6 Page - Linear Technology

  LTC1059CS Datasheet HTML 1Page - Linear Technology LTC1059CS Datasheet HTML 2Page - Linear Technology LTC1059CS Datasheet HTML 3Page - Linear Technology LTC1059CS Datasheet HTML 4Page - Linear Technology LTC1059CS Datasheet HTML 5Page - Linear Technology LTC1059CS Datasheet HTML 6Page - Linear Technology LTC1059CS Datasheet HTML 7Page - Linear Technology LTC1059CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1059
6
1059fd
Graph 19. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Q
Graph 20. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Q
Graph 21. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 22. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 23. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 24. Mode 3 (R2 = R4):
(fCLK/f0) vs fCLK and Temperature
Graph 25. Mode 1c (R5 = 0),
Mode 2 (R2 = R4): Q Error vs
Clock Frequency
Graph 26. Supply Current
vs Supply Voltage
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
1059 G19
0.2
0
0.2
0.4
0.8
1.2
1.4
1.6
–0.2
–0.4
= 100:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 5
Q = 10
Q = 20
fCLK (MHz)
0
0.4
0.6
0.8
0.6
1.0
1059 G20
0.2
0
0.2
0.4
0.8
1.2
1.4
1.6
–0.2
–0.4
= 50:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 5
Q = 10
Q = 20
Q = 50
fCLK (MHz)
0.2
–0.2
0
0.2
0.6
0.6
1.0
1.4
1.8
1059 G21
0.8
0.4
1.0
0.4
0.8
1.2
1.6
85°C
fCLK
f0
= 100:1
VS= ±5V
Q = 10
–55°C
TA = 25°C
125°C
fCLK (MHz)
0.2
–0.2
0
0.2
0.6
0.6
1.0
1.4
1.8
1059 G22
0.8
0.4
1.0
0.4
0.8
1.2
1.6
85°C
fCLK
f0
= 50:1
VS= ±5V
Q = 10
–55°C
TA = 25°C
125°C
fCLK (MHz)
0
0
0.2
0.4
0.6
0.2
0.4
0.6
0.8
1059 G23
1.0
1.2
0.8
–55°C
85°C
= 100:1
fCLK
f0
VS= ±2.5V
Q = 10
–0.2
–0.4
TA = 25°C
125°C
fCLK (MHz)
0
0
0.2
0.4
0.6
0.2
0.4
0.6
0.8
1059 G24
1.0
1.2
0.8
–55°C
85°C
= 50:1
fCLK
f0
VS= ±2.5V
Q = 10
–0.2
–0.4
TA = 25°C
125°C
fCLK (MHz)
0.2
10
10
0
20
0.6
1.0 1.2
2.0
1059 G25
20
0
0.4
0.8
1.4 1.6 1.8
= 35.35:1
fCLK
f0
= 70.7:1
fCLK
f0
VS= ±5V
TA = 25°C
Q = 20
MODE 2
R2 = R4
Q = 20
Q = 10
MODE 1C
MODE 2
R2 = R4
Q = 20
Q = 10
MODE 1C
Q = 20
POWER SUPPLY VOLTAGE (±V)
10
9
8
7
6
5
4
3
2
1
0
1059 G26
TA = 125°C
TA = –55°C
TA = 25°C
±3
±5
±7
±9
±2
±1
±4
±6
±8
±10
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com