Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1050CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1050CS8
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1050CS8 Datasheet HTML 1Page - Linear Technology LTC1050CS8 Datasheet HTML 2Page - Linear Technology LTC1050CS8 Datasheet HTML 3Page - Linear Technology LTC1050CS8 Datasheet HTML 4Page - Linear Technology LTC1050CS8 Datasheet HTML 5Page - Linear Technology LTC1050CS8 Datasheet HTML 6Page - Linear Technology LTC1050CS8 Datasheet HTML 7Page - Linear Technology LTC1050CS8 Datasheet HTML 8Page - Linear Technology LTC1050CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1050
1050fb
–
+
7
8
13
14
16
17
11
4
1/2 LTC1043
5V
CS
1µF
CH
1µF
DIFFERENTIAL
INPUT
12
0.01µF
R1
CMRR > 120dB AT DC
CMRR > 120dB AT 60Hz
DUAL SUPPLY OR SINGLE 5V
GAIN = 1 + R2/R1
VOS = 5µV
COMMON MODE INPUT VOLTAGE EQUALS THE SUPPLIES
R2
1050 TA01
–5V
1µF
–5V
5V
4
7
3
2
6
VOUT
LTC1050
Precision Zero-Drift
Operational Amplifier
with Internal Capacitors
■
No External Components Required
■
Noise Tested and Guaranteed
■
Low Aliasing Errors
■
Maximum Offset Voltage: 5µV
■
Maximum Offset Voltage Drift: 0.05µV/°C
■
Low Noise: 1.6µVP-P (0.1Hz to 10Hz)
■
Minimum Voltage Gain: 130dB
■
Minimum PSRR: 125dB
■
Minimum CMRR: 120dB
■
Low Supply Current: 1mA
■
Single Supply Operation: 4.75V to 16V
■
Input Common Mode Range Includes Ground
■
Output Swings to Ground
■
Typical Overload Recovery Time: 3ms
The LTC
®1050 is a high performance, low cost zero-drift
operational amplifier. The unique achievement of the
LTC1050 is that it integrates on-chip the two sample-and-
hold capacitors usually required externally by other chop-
per amplifiers. Further, the LTC1050 offers better com-
bined overall DC and AC performance than is available
from other chopper stabilized amplifiers with or without
internal sample-and-hold capacitors.
The LTC1050 has an offset voltage of 0.5µV, drift of
0.01µV/°C, DC to 10Hz, input noise voltage of 1.6µVP-P
and a typical voltage gain of 160dB. The slew rate of 4V/µs
and a gain bandwidth product of 2.5MHz are achieved with
only 1mA of supply current.
Overload recovery times from positive and negative satu-
ration conditions are 1.5ms and 3ms respectively, which
represents an improvement of about 100 times over chop-
per amplifiers using external capacitors. Pin 5 is an optional
external clock input, useful for synchronization purposes.
The LTC1050 is available in standard 8-pin metal can,
plastic and ceramic dual-in-line packages as well as an
SO-8 package. The LTC1050 can be an improved plug-in
replacement for most standard op amps.
■
Thermocouple Amplifiers
■
Electronic Scales
■
Medical Instrumentation
■
Strain Gauge Amplifiers
■
High Resolution Data Acquisition
■
DC Accurate RC Active Filters
High Performance, Low Cost Instrumentation Amplifier
Noise Spectrum
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
FREQUENCY (Hz)
40
80
100
140
160
10
1k
10k
100k
1050 TA02
0
100
120
60
20
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1050CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1050CS8 LINER-LTC1050CS8 Datasheet
814Kb / 16P
Precision Chopper Stabilized Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1050CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1053 LINER-LTC1053_15 Datasheet
304Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com