Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1050CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1050CS8
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1050CS8 Datasheet HTML 8Page - Linear Technology LTC1050CS8 Datasheet HTML 9Page - Linear Technology LTC1050CS8 Datasheet HTML 10Page - Linear Technology LTC1050CS8 Datasheet HTML 11Page - Linear Technology LTC1050CS8 Datasheet HTML 12Page - Linear Technology LTC1050CS8 Datasheet HTML 13Page - Linear Technology LTC1050CS8 Datasheet HTML 14Page - Linear Technology LTC1050CS8 Datasheet HTML 15Page - Linear Technology LTC1050CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1050
1050fb
S
APPLICATI
TYPICAL
Instrumentation Amplifier with Low Offset and Input Bias Current
–
+
OUTPUT
1050 TA13
OFFSET VOLTAGE ≤ ±10µV
INPUT BIAS CURRENT = 15pA
CMRR = 100dB FOR GAIN = 100
INPUT REFERRED NOISE = 5µVP-P FOR C = 0.1µF
= 20µVP-P FOR C = 0.01µF
2
3
–
+
6
1k
0.1%
LTC1050
INPUT
–
+
3
2
6
LTC1050
–
+
2
3
6
LTC1050
1k
0.1%
100k
0.1%
C
100k
0.1%
Instrumentation Amplifier with 100V Common Mode Input Voltage
–
+
LTC1050
7
2
3
4
1050 TA14
V+
V –
6
VOUT
OUTPUT OFFSET ≤ 5mV
FOR 0.1% RESISTORS, CMRR = 54dB
–
+
LTC1050
7
2
3
+
–
4
V+
1k
1k
V –
6
1k
1M
1M
VIN
1M
Single Supply Instrumentation Amplifier
–
+
LTC1050
7
2
3
4
1050 TA15
V+
6
VOUT
OUTPUT OFFSET ≤ 5mV
FOR 0.1% RESISTORS, CMRR = 54dB
–
+
LTC1050
7
2
3
4
V+
1k
1k
6
1M
1M
–VIN
+VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com