Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1050CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1050CS8
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1050CS8 Datasheet HTML 1Page - Linear Technology LTC1050CS8 Datasheet HTML 2Page - Linear Technology LTC1050CS8 Datasheet HTML 3Page - Linear Technology LTC1050CS8 Datasheet HTML 4Page - Linear Technology LTC1050CS8 Datasheet HTML 5Page - Linear Technology LTC1050CS8 Datasheet HTML 6Page - Linear Technology LTC1050CS8 Datasheet HTML 7Page - Linear Technology LTC1050CS8 Datasheet HTML 8Page - Linear Technology LTC1050CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1050
1050fb
ELECTRICAL C
C
HARA TERISTICS
LTC1050AM
LTC1050AC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Noise Current
f = 10Hz (Note 4)
1.8
1.8
fA/√Hz
Common Mode Rejection Ratio
VCM = V– to 2.7V
114
140
114
140
dB
●
110
110
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
●
125
140
125
140
dB
Large-Signal Voltage Gain
RL = 10k, VOUT = ±4V
●
130
160
130
160
dB
Maximum Output Voltage Swing
RL = 10k
●
± 4.7
±4.85
±4.7
±4.85
V
RL = 100k
±4.95
±4.95
V
Slew Rate
RL = 10k, CL = 50pF
4
4
V/µs
Gain Bandwidth Product
2.5
2.5
MHz
Supply Current
No Load
1
1.5
1
1.5
mA
●
2.3
2.3
mA
Internal Sampling Frequency
2.5
2.5
kHz
The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VS = ±5V
The ● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±5V
LTC1050M/H
LTC1050C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
(Note 3)
±0.5
±5
±0.5
±5
µV
Average Input Offset Drift
(Note 3)
●
±0.01
±0.05
±0.01
±0.05
µV/°C
Long Term Offset Voltage Drift
50
50
nV/√Mo
Input Offset Current
(Note 5)
±20
±100
±20
±125
pA
●
±300
±200
pA
Input Bias Current
(Note 5)
±10
±50
±10
±75
pA
●
±2000
±150
pA
Input Noise Voltage
RS = 100Ω, 0.1Hz to 10Hz (Note 6)
1.6
1.6
µVP-P
RS = 100Ω, DC to 1Hz
0.6
0.6
µVP-P
Input Noise Current
f = 10Hz (Note 4)
1.8
1.8
fA/√Hz
Common Mode Rejection Ratio
VCM = V– to 2.7V
114
130
114
130
dB
LTC1050M/C
●
110
110
dB
LTC1050H
●
100
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±8V, LTC1050M/C
●
120
140
120
140
dB
LTC1050H
●
110
dB
Large-Signal Voltage Gain
RL = 10k, VOUT = ±4V
●
120
160
120
160
dB
Maximum Output Voltage Swing
RL = 10k
●
± 4.7
±4.85
±4.7
±4.85
V
RL = 100k
±4.95
±4.95
V
Slew Rate
RL = 10k, CL = 50pF
4
4
V/µs
Gain Bandwidth Product
2.5
2.5
MHz
Supply Current
No Load
1
1.5
1
1.5
mA
●
2.3
2.3
mA
Internal Sampling Frequency
2.5
2.5
kHz
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Connecting any terminal to voltages greater than V+ or less than
V– may cause destructive latchup. It is recommended that no sources
operating from external supplies be applied prior to power-up of the
LTC1050.
Note 3: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic test
systems. VOS is measured to a limit determined by test equipment
capability.
Note 4: Current Noise is calculated from the formula: In = √(2q • Ib)
where q = 1.6 • 10–19 Coulomb.
Note 5: At TA ≤ 0°C these parameters are guaranteed by design and not
tested.
Note 6: Every lot of LTC1050AM and LTC1050AC is 100% tested for
Broadband Noise at 1kHz and sample tested for Input Noise Voltage at
0.1Hz to 10Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com