Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1050CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1050CS8
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1050CS8 Datasheet HTML 1Page - Linear Technology LTC1050CS8 Datasheet HTML 2Page - Linear Technology LTC1050CS8 Datasheet HTML 3Page - Linear Technology LTC1050CS8 Datasheet HTML 4Page - Linear Technology LTC1050CS8 Datasheet HTML 5Page - Linear Technology LTC1050CS8 Datasheet HTML 6Page - Linear Technology LTC1050CS8 Datasheet HTML 7Page - Linear Technology LTC1050CS8 Datasheet HTML 8Page - Linear Technology LTC1050CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1050
1050fb
ORDER PART
NUMBER
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature Range
LTC1050AC/C .................................. – 40°C to 85°C
LTC1050H ..................................... – 40°C to 125°C
LTC1050AM/M (OBSOLETE) .......... – 55°C to 125°C
Total Supply Voltage (V+ to V–) .............................. 18V
Input Voltage ........................ (V+ + 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration ......................... Indefinite
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
PACKAGE/ORDER I FOR ATIO
LTC1050ACH
LTC1050CH
LTC1050AMH
LTC1050MH
ORDER PART
NUMBER
1050
1050H
TJMAX = 150°C
(Note 1)
TOP VIEW
V+ (CASE)
NC
NC
–IN
OUT
EXT CLOCK
INPUT
+IN
V –
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
S8 PART MARKING
LTC1050CS8
LTC1050HS8
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
EXT CLOCK
INPUT
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 150°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC
–IN
+IN
V–
NC
V+
OUT
EXT CLOCK
INPUT
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
NC
NC
NC
–IN
+IN
NC
V –
NC
NC
NC
V+
OUT
NC
NC
TJMAX = 150°C, θJA = 70°C/W
TJMAX = 150°C, θJA = 100°C/W
ORDER PART
NUMBER
LTC1050ACN8
LTC1050CN8
ORDER PART
NUMBER
LTC1050CN
Consult LTC Marketing for parts specified with wider operating temperature ranges.
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
LTC1050ACJ8
LTC1050CJ8
LTC1050AMJ8
LTC1050MJ8
OBSOLETE PACKAGE
OBSOLETE PACKAGE
ELECTRICAL C
C
HARA TERISTICS
LTC1050AM
LTC1050AC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
(Note 3)
±0.5
±5
±0.5
±5
µV
Average Input Offset Drift
(Note 3)
●
±0.01
±0.05
±0.01
±0.05
µV/°C
Long Term Offset Voltage Drift
50
50
nV/√Mo
Input Offset Current
(Note 5)
±20
±60
±20
±60
pA
●
±300
±150
pA
Input Bias Current
(Note 5)
±10
±30
±10
±30
pA
●
±2000
±100
pA
Input Noise Voltage
0.1Hz to 10Hz (Note 6)
1.6
2.1
1.6
2.1
µVP-P
DC to 1Hz
0.6
0.6
µVP-P
The ● denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VS = ±5V
Consider the N8 Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com