Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3125 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3125
Description  isc Silicon NPN RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3125 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3125 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3125 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3125 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3125 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3125
DESCRIPTION
·Good Linearity of fT
APPLICATIONS
·Designed for TV Final Picture IF amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current-Continuous
50
mA
IB
B
Base Current-Continuous
25
mA
PC
Collector Power Dissipation
@TC=25℃
0.15
W
TJ
Junction Temperature
125
Tstg
Storage Temperature Range
-55~125
isc Website:www.iscsemi.cn


Similar Part No. - 2SC3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3125 TOSHIBA-2SC3125 Datasheet
174Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV FINAL PICTURE RF AMPLIFIER APPLICATIONS)
2SC3125 TOSHIBA-2SC3125 Datasheet
552Kb / 4P
Silicon NPN Epitaxial Planar Type TV Final Picture IF Amplifier Applications
logo
Guangdong Kexin Industr...
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
logo
Galaxy Semi-Conductor H...
2SC3125 BILIN-2SC3125 Datasheet
172Kb / 3P
Silicon Epitaxial Planar Transistor
logo
Shenzhen Luguang Electr...
2SC3125 LUGUANG-2SC3125 Datasheet
1Mb / 2P
Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC3125

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com