Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ540 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFQ540
Description  isc Silicon NPN RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFQ540 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFQ540 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFQ540 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFQ540 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFQ540
DESCRIPTION
·High Gain
·High Output Voltage
·Low Noise
APPLICATIONS
·Designed for use in VHF, UHF and CATV amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCES
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
120
mA
PC
Collector Power Dissipation
@TC=25℃
1.2
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - BFQ540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ540 PHILIPS-BFQ540 Datasheet
71Kb / 8P
NPN wideband dual transistor
Rev. 04-25 September 2007
BFQ540 NXP-BFQ540 Datasheet
238Kb / 8P
NPN wideband transistor
Rev. 04-25 September 2007
BFQ540 NXP-BFQ540 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFQ540 PHILIPS-BFQ540 Datasheet
244Kb / 8P
NPN wideband transistor
Rev. 04-25 September 2007
logo
New Jersey Semi-Conduct...
BFQ540 NJSEMI-BFQ540 Datasheet
77Kb / 2P
Silicon NPN RF Transistor
More results

Similar Description - BFQ540

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com