Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR520 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFR520
Description  isc Silicon NPN RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR520 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFR520 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 4Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 5Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 6Page - Inchange Semiconductor Company Limited BFR520 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR520
DESCRIPTION
·High Power Gain
·High Current Gain Bandwidth Product
·Low Noise Figure
APPLICATIONS
·Designed for RF frontend in wideband applications in the
GHz range,such as analog and digital cellular telephones,
cordless.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCES
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
70
mA
PC
Collector Power Dissipation
@TC=25℃
0.3
W
TJ
Junction Temperature
175
Tstg
Storage Temperature Range
-65~150
isc Website:www.iscsemi.cn


Similar Part No. - BFR520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR520 PHILIPS-BFR520 Datasheet
127Kb / 12P
NPN 9 GHz wideband transistor
September 1995
BFR520 NXP-BFR520 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BFR520 NJSEMI-BFR520 Datasheet
80Kb / 2P
Silicon NPN RF Transistor
logo
NXP Semiconductors
BFR520.215 NXP-BFR520.215 Datasheet
169Kb / 14P
The BFR520 is an NPN silicon planar epitaxial transistor in a SOT23 plastic package
Rev. 4-13 September 2011
BFR520T PHILIPS-BFR520T Datasheet
147Kb / 12P
NPN 9 GHz wideband transistor
1999 Oct 18
More results

Similar Description - BFR520

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com