Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR540 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFR540
Description  isc Silicon NPN RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR540 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFR540 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR540 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR540 Datasheet HTML 3Page - Inchange Semiconductor Company Limited BFR540 Datasheet HTML 4Page - Inchange Semiconductor Company Limited BFR540 Datasheet HTML 5Page - Inchange Semiconductor Company Limited BFR540 Datasheet HTML 6Page - Inchange Semiconductor Company Limited BFR540 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR540
DESCRIPTION
·High Power Gain
·High Current Gain Bandwidth Product
·Low Noise Figure
APPLICATIONS
·Designed for RF frontend in wideband applications in the
GHz range,such as analog and digital cellular telephones,
cordless telephones(CT1, CT2,DEC, etc.).
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCES
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
120
mA
PC
Collector Power Dissipation
@TC=25℃
0.5
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - BFR540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR540 PHILIPS-BFR540 Datasheet
101Kb / 16P
NPN 9 GHz wideband transistor
1999 Aug 23
BFR540 NXP-BFR540 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFR540 JMNIC-BFR540_15 Datasheet
116Kb / 16P
NPN 9 GHz wideband transistor
BFR540_2015 JMNIC-BFR540_2015 Datasheet
116Kb / 16P
NPN 9 GHz wideband transistor
More results

Similar Description - BFR540

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com