Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACN8-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1098ACN8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1098ACN8-TR Datasheet HTML 7Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 8Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 9Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 10Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 11Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 12Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 13Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 14Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
11
10968fc
PIN FUNCTIONS
LTC1096/LTC1096L
CS/SHDN (Pin 1): Chip Select Input. A logic low on this
input enables the LTC1096/LTC1096L. A logic high on this
input disables the LTC1096/LTC1096L and disconnects the
power to the LTC1096/LTC1096L.
IN+ (Pin 2):
Analog Input. This input must be free of noise
with respect to GND.
IN– (Pin 3):
Analog Input. This input must be free of noise
with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
VREF (Pin 5): Reference Input. The reference input defines
the span of the A/D converter and must be kept free of
noise with respect to GND.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the se-
rial data transfer.
VCC(Pin8):PowerSupplyVoltage.Thispinprovidespower
to the A/D converter. It must be free of noise and ripple by
bypassing directly to the analog ground plane.
LTC1098/LTC1098L
CS/SHDN (Pin 1): Chip Select Input. A logic low on this
input enables the LTC1098/LTC1098L. A logic high on this
input disables the LTC1098/LTC1098L and disconnects the
power to the LTC1098/LTC1098L.
CH0 (Pin 2): Analog Input. This input must be free of noise
with respect to GND.
CH1 (Pin 3): Analog Input. This input must be free of noise
with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
DIN (Pin 5): Digital Data Input. The multiplexer address
is shifted into this pin.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the se-
rial data transfer.
VCC(VREF)(Pin8):PowerSupplyVoltage.Thispinprovides
power and defines the span of the A/D converter. It must
be free of noise and ripple by bypassing directly to the
analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com