Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACN8-TR Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1098ACN8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8-TR Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1098ACN8-TR Datasheet HTML 21Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 22Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 23Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 24Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 25Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 26Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 27Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 28Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
25
10968fc
MICROPROCESSOR INTERFACES
The LTC1096(L)/LTC1098(L) can interface directly (without
external hardware to most popular microprocessor (MPU)
synchronous serial formats (see Table 1). If an MPU without
a dedicated serial port is used, then three or four of the
MPU’s parallel port lines can be programmed to form the
serial link to the LTC1096(L)/LTC1098(L). Included here
is one serial interface example and one example showing
a parallel port programmed to form the serial interface.
Motorola SPI (MC68HC05C4,CM68HC11)
The MC68HC05C4 has been chosen as an example of
an MPU with a dedicated serial port. This MPU transfer
data MSB-first and in 8-bit increments. With two 8-bit
transfers, the A/D result is read into the MPU. The first
8-bit transfer sends the DIN word to the LTC1098(L) and
clocks into the processor. The second 8-bit transfer clocks
the A/D conversion result, B7 through B0, into the MPU.
ANDing the first MUP received byte with 00Hex clears the
first byte. Notice how the position of the start bit in the
first MPU transmit word is used to position the A/D result
right-justified in two memory locations.
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS
Effective Number of Bits
The effective number of bits (ENOBs) is a measurement
of the resolution of an A/D and is directly related to the
S/(N + D) by the equation:
ENOB = [S/(N + D) –1.76]/6.02
where S/(N + D) is expressed in dB. At the maximum sam-
pling rate of 33kHz the LTC1096 maintains 7.5 ENOBs or
better to 40kHz. Above 40kHz the ENOBs gradually decline,
as shown in Figure 12, due to increasing second harmonic
distortion. The noise floor remains approximately 70dB.
Figure 12. Dynamic Accuracy Is Maintained Up to an Input
Frequency of 40kHz
INPUT FREQUENCY (kHz)
0
3
4
5
10968 F12
2
1
0
20
40
6
7
8
fSAMPLE = 31.25kHz
Table 1. Microprocessor with Hardware Serial Interfaces
Compatible with the LTC1096(L)/LTC1098(L)
PART NUMBER
TYPE OF INTERFACE
Motorola
MC6805S2,S3
MC68HC11
MC68HC05
SPI
SPI
SPI
RCA
CDP68HC05
SPI
Hitachi
HD6305
HD63705
HD6301
HD63701
HD6303
HD64180
SCI Synchronous
SCI Synchronous
SCI Synchronous
SCI Synchronous
SCI Synchronous
CSI/O
National Semiconductor
COP400 Family
COP800 Family
NS8050U
HPC16000 Family
MICROWIRE™
MICROWIRE/PLUS™
MICROWIRE/PLUS
MICROWIRE/PLUS
Texas Instruments
TMS7002
TMS7042
TMS70C02
TMS70C42
TMS32011*
TMS32020
Serial Port
Serial Port
Serial Port
Serial Port
Serial Port
Serial Port
*Requires external hardware
MICROWIRE and MICROWIRE/PLUS are trademarks of
National Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com