Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACN8-TR Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1098ACN8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8-TR Datasheet(HTML) 3 Page - Linear Technology

  LTC1098ACN8-TR Datasheet HTML 1Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 2Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 3Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 4Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 5Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 6Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 7Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 8Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
3
10968fc
RECOMMENDED OPERATING CONDITIONS
LTC1096/LTC1098
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
LTC1096
LTC1098
3.0
3.0
9
6
V
V
VCC = 5V Operation
fCLK
Clock Frequency
VCC = 5V
25
500
kHz
tCYC
Total Cycle Time
LTC1096, fCLK = 500kHz
LTC1098, fCLK = 500kHz
29
29
μs
μs
thDI
Hold Time, DIN After CLK↑
VCC = 5V
150
ns
tsuCS
Setup Time CS
↓ Before First CLK↑ (See Operating Sequence)
VCC = 5V, LTC1096
VCC = 5V, LTC1098
500
500
ns
ns
tWAKEUP
Wake-Up Time CS
↓ Before First CLK↓ After First CLK↑
(See Figure 1 LTC1096 Operating Sequence)
VCC = 5V, LTC1096
10
μs
Wake-Up Time CS
↓ Before MSBF Bit CLK↓
(See Figure 2 LTC1098 Operating Sequence)
VCC = 5V, LTC1098
10
μs
tsuDI
Setup Time, DIN Stable Before CLK↑
VCC = 5V
400
ns
tWHCLK
CLK High Time
VCC = 5V
0.8
μs
tWLCLK
CLK Low Time
VCC = 5V
0.8
μs
ORDER INFORMATION
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1096ACN8
LTC1096ACN8#TR
LTC1096ACN8
8-Lead Plastic DIP
0°C to 70°C
LTC1096ACS8
LTC1096ACS8#TR
1096A
8-Lead Plastic SOIC
0°C to 70°C
LTC1096AIN8
LTC1096AIN8#TR
LTC1096AIN8
8-Lead Plastic DIP
–40°C to 85°C
LTC1096AIS8
LTC1096AIS8#TR
1096AI
8-Lead Plastic SOIC
–40°C to 85°C
LTC1096CN8
LTC1096CN8#TR
LTC1096CN8
8-Lead Plastic DIP
0°C to 70°C
LTC1096CS8
LTC1096CS8#TR
1096
8-Lead Plastic SOIC
0°C to 70°C
LTC1096IN8
LTC1096IN8#TR
LTC1096IN8
8-Lead Plastic DIP
–40°C to 85°C
LTC1096IS8
LTC1096IS8#TR
1096I
8-Lead Plastic SOIC
–40°C to 85°C
LTC1096LCS8
LTC1096LCS8#TR
1096L
8-Lead Plastic SOIC
0°C to 70°C
LTC1096LIS8
LTC1096LIS8#TR
1096LI
8-Lead Plastic SOIC
–40°C to 85°C
LTC1098ACN8
LTC1098ACN8#TR
LTC1098ACN8
8-Lead Plastic DIP
0°C to 70°C
LTC1098ACS8
LTC1098ACS8#TR
1098A
8-Lead Plastic SOIC
0°C to 70°C
LTC1098CN8
LTC1098CN8#TR
LTC1098CN8
8-Lead Plastic DIP
0°C to 70°C
LTC1098CS8
LTC1098CS8#TR
1098
8-Lead Plastic SOIC
0°C to 70°C
LTC1098IN8
LTC1098IN8#TR
LTC1098IN8
8-Lead Plastic DIP
–40°C to 85°C
LTC1098IS8
LTC1098IS8#TR
1098I
8-Lead Plastic SOIC
–40°C to 85°C
LTC1098LCS8
LTC1098LCS8#TR
1098L
8-Lead Plastic SOIC
0°C to 70°C
LTC1098LIS8
LTC1098LIS8#TR
1098LI
8-Lead Plastic SOIC
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com