Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACN8-TR Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1098ACN8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8-TR Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1098ACN8-TR Datasheet HTML 14Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 15Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 16Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 17Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 18Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 19Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 20Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 21Page - Linear Technology LTC1098ACN8-TR Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
18
10968fc
APPLICATIONS INFORMATION
Multiplexer (MUX) Address
The bits of the input word following the START bit assign
the MUX configuration for the requested conversion. For
a given channel selection, the converter will measure the
voltage between the two channels indicated by the “+”
and “–” signs in the selected row of the followintg tables.
In single-ended mode, all input channels are measured
with respect to GND.
MSB-First/LSB-First (MSBF)
The output data of the LTC1098(L) is programmed for
MSB-first or LSB-first sequence using the MSBF bit.
When the MSBF bit is a logical one, data will appear on
the DOUT line in MSB-first format. Logical zeros will be
filled in indefinitely following the last data bit. When the
MSBF bit is a logical zero, LSB-first data will follow the
normal MSB-first data on the DOUT line. (see Operating
Sequence)
MUX ADDRESS
SGL/DIFF
1
1
0
0
ODD/SIGN
0
1
0
1
CHANNEL #
0
+
+
–
1
+
–
+
GND
–
–
SINGLE-ENDED MUX MODE
DIFFERENTIAL MUX MODE
10968 AI03
OUTPUT CODE
1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5.000V)
4.9805V
4.9609V
•
•
•
0.0195V
0V
10968 AI05
VIN
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 0
•
•
•
10968 AI04
Unipolar Transfer Curve
The LTC1096(L)/LTC1098(L) are permanently configured
for unipolar only. The input span and code assignment for
this conversion type are shown in the following figures
for a 5V reference.
Unipolar Transfer Curve
LTC1098(L) Channel Selection
Unipolar Output Code
Operation with DIN and DOUT Tied Together
The LTC1098(L) can be operated with DIN and DOUT tied
together. This eliminates one of the lines required to com-
municate to the microprocessor (MPU). Data is transmit-
ted in both directions on a single wire. The processor pin
connected to this data line should be configurable as either
an input or an output. The LTC1098(L) will take control of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com