Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACS8-TR Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1098ACS8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8-TR Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1098ACS8-TR Datasheet HTML 9Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 10Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 11Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 12Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 13Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 14Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 15Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 16Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
13
10968fc
TEST CIRCUITS
Load Circuit for tdis and ten
Voltage Waveforms for DOUT Delay Time, tdDO
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
Voltage Waveforms for tdis
CLK
DOUT
VIL
tdDO
VOH
VOL
10968 TC03
DOUT
tr
tf
10968 TC04
VOH
VOL
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
10968 TC05
DOUT
WAVEFORM 1
(SEE NOTE 1)
2.0V
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
10968 TC06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com