Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACS8-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1098ACS8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1098ACS8-TR Datasheet HTML 2Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 3Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 4Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 5Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 6Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 7Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 8Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 9Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
6
10968fc
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
LTC1096/LTC1098
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VREF = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
l
2.0
V
VIL
Low Level Input Voltage
VCC = 4.75V
l
0.8
V
IIH
High Level Input Current
VIN = VCC
l
2.5
μA
IIL
Low Level Input Current
VIN = 0V
l
–2.5
μA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10μA
VCC = 4.75V, IO = 360μA
l
l
4.5
2.4
4.74
4.72
V
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
l
0.4
V
IOZ
Hi-Z Output Leakage
CS ≥ VIH
l
±3.0
μA
ISOURCE
Output Source Current
VOUT = 0V
–25
mA
ISINK
Output Sink Current
VOUT = VCC
45
mA
IREF
Reference Current
CS = VCC
tCYC ≥ 200μs, fCLK ≤ 50kHz
tCYC = 29μs, fCLK = 500kHz
l
l
l
0.001
3.500
35.000
2.5
7.5
50.0
μA
μA
μA
ICC
Supply Current
CS = VCC
l
0.001
3.0
μA
LTC1096, tCYC ≥ 200μs, fCLK ≤ 50kHz
LTC1096, tCYC = 29μs, fCLK = 500kHz
l
l
40
120
80
180
μA
μA
LTC1098, tCYC ≥ 200μs, fCLK ≤ 50kHz
LTC1098, tCYC = 29μs, fCLK = 500kHz
l
l
44
155
88
230
μA
μA
LTC1096/LTC1098
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 3V, VREF = 2.5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
l
1.9
V
VIL
Low Level Input Voltage
VCC = 3V
l
0.45
V
IIH
High Level Input Current (Note 9)
VIN = VCC
l
2.5
μA
IIL
Low Level Input Current (Note 9)
VIN = 0V
l
–2.5
μA
VOH
High Level Output Voltage
VCC = 3V, IO = 10μA
VCC = 3V, IO = 360μA
l
l
2.3
2.1
2.69
2.64
V
V
VOL
Low Level Output Voltage
VCC = 3V, IO = 400μA
l
0.3
V
IOZ
Hi-Z Output Leakage (Note 9)
CS ≥ VIH
l
±3.0
μA
ISOURCE
Output Source Current (Note 9)
VOUT = 0V
–10
mA
ISINK
Output Sink Current (Note 9)
VOUT = VCC
15
mA
IREF
Reference Current (Note 9)
CS = VCC
tCYC ≥ 200μs, fCLK ≤ 50kHz
tCYC = 58μs, fCLK = 250kHz
l
l
l
0.001
3.500
35.000
2.5
7.5
50.0
μA
μA
μA
ICC
Supply Current (Note 9)
CS = VCC
l
0.001
3.0
μA
LTC1096, tCYC ≥ 200μs, fCLK ≤ 50kHz
LTC1096, tCYC = 58μs, fCLK = 250kHz
l
l
40
120
80
180
μA
μA
LTC1098, tCYC ≥ 200μs, fCLK ≤ 50kHz
LTC1098, tCYC = 58μs, fCLK = 250kHz
l
l
44
155
88
230
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com