Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACS8-TR Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1098ACS8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8-TR Datasheet(HTML) 5 Page - Linear Technology

  LTC1098ACS8-TR Datasheet HTML 1Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 2Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 3Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 4Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 5Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 6Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 7Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 8Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
5
10968fc
CONVERTER AND MULTIPLEXER CHARACTERISTICS
LTC1096/LTC1098
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, VREF = 5V, fCLK = 500kHz, unless otherwise noted.
PARAMETER
CONDITIONS
LTC1096A/LTC1098A
LTC1096/LTC1098
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution (No Missing Code)
l
8
8
Bits
Offset Error
l
±0.5
±0.5
LSB
Linearity Error
(Note 4)
l
±0.5
±0.5
LSB
Full Scale Error
l
±0.5
±1.0
LSB
Total Unadjusted Error (Note 5)
VREF = 5.000V
l
±0.5
±1.0
LSB
Analog Input Range
(Notes 6, 7)
–0.05V to VCC + 0.05V
V
REF Input Range (Notes 6, 7)
4.5 ≤ VCC ≤ 6V
6V < VCC ≤ 9V, LTC1096
–0.05V to VCC + 0.05V
–0.05V to 6V
V
V
Analog Input Leakage Current
(Note 8)
l
±1.0
±1.0
μA
LTC1096/LTC1098
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 3V, VREF = 2.5V, fCLK = 250kHz, unless otherwise noted.
PARAMETER
CONDITIONS
LTC1096A/LTC1098A
LTC1096/LTC1098
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution (No Missing Code)
l
8
8
Bits
Offset Error
l
±0.75
±1.0
LSB
Linearity Error
(Notes 4, 9)
l
±0.5
±1.0
LSB
Full-Scale Error
l
±1.0
±1.0
LSB
Total Unadjusted Error (Notes 5, 9)
VREF = 2.500V
l
±1.0
±1.5
LSB
Analog Input Range
(Notes 6, 7)
–0.05V to VCC + 0.05V
V
REF Input Range (Notes 6, 7, 9)
3V ≤ VCC ≤ 6V
–0.05V to VCC + 0.05V
V
Analog Input Leakage Current
(Notes 8, 9)
l
±1.0
±1.0
μA
LTC1096L/LTC1098L
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.65V, VREF = 2.5V, fCLK = 250kHz, unless otherwise noted.
PARAMETER
CONDITIONS
LTC1096A/LTC1098A
UNITS
MIN
TYP
MAX
Resolution (No Missing Code)
l
8
Bits
Offset Error
l
±1.0
LSB
Linearity Error
(Note 4)
l
±1.0
LSB
Full-Scale Error
l
±1.0
LSB
Total Unadjusted Error (Note 5)
VREF = 2.5V
l
±1.5
LSB
Analog Input Range
(Notes 6, 7)
–0.05V to VCC + 0.05V
V
REF Input Range (Note 6)
2.65V ≤ VCC ≤ 4.0V
–0.05V to VCC + 0.05V
V
Analog Input Leakage Current
(Note 8)
l
±1.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com