Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098ACS8-TR Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1098ACS8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8-TR Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1098ACS8-TR Datasheet HTML 19Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 20Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 21Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 22Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 23Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 24Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 25Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 26Page - Linear Technology LTC1098ACS8-TR Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
23
10968fc
capacitive current spike will be generated on the reference
pin by the ADC. These current spikes settle quickly and do
not cause a problem.
Using a slower CLK will allow more time for the reference
to settle. Even at the maximum CLK rate of 500kHz most
references and op amps can be made to settle within the
Large external source resistors and capacitances will slow
the settling of the inputs. It is important that the overall
RC time constants be short enough to allow the analog
inputs to completely settle within the allowed time.
RC Input Filtering
It is possible to filter the inputs with an RC network as
shown in Figure 9. For large values of CF (e.g., 1μF), the
capacitive input switching currents are averaged into a
net DC current. Therefore, a filter should be chosen with
a small resistor and large capacitor to prevent DC drops
across the resistor. The magnitude of the DC current is
approximately IDC = 25pF(VIN/tCYC) and is roughly pro-
portional to VIN. When running at the minimum cycle time
of 29μs, the input current equals 4.3μA at VIN = 5V. In this
case, a filter resistor of 390Ω will cause 0.1LSB of full-
scale error. If a larger filter resistor must be used, errors
can be eliminated by increasing the cycle time.
Figure 9. RC Input Filtering
Input Leakage Current
Input leakage currents can also create errors if the source
resistance gets too large. For instance, the maximum input
leakage specification of 1μA (at 125°C) flowing through a
source resistance of 3.9k will cause a voltage drop of 3.9mV
or 0.2LSB. This error will be much reduced at lower tem-
peratures because leakage drops rapidly (see typical curve
of Input Channel Leakage Current vs Temperature).
REFERENCE INPUTS
The voltage on the reference input of the LTC1096 defines
the voltage span of the A/D converter. The reference
input transient capacitive switching currents due to the
switched-capacitor conversion technique (see Figure 10).
During each bit test of the conversion (every CLK cycle), a
Figure 10. Reference Input Equivalent Circuit
2μs bit time.
Reduced Reference Operation
The minimum reference voltage of the LTC1098 is limited
to 3V because the VCC supply and reference are internally
tied together. However, the LTC1096 can operate with
reference voltages below 1V.
The effective resolution of the LTC1096 can be increased
by reducing the input span of the converter. The LTC1096
exhibits good linearity and gain over a wide range of ref-
erence voltages (see typical curves of Linearity and Full
Scale Error vs Reference Voltage). However, care must be
taken when operating at low values of VREF because of the
reduced LSB step size and the resulting higher accuracy
requirement placed on the converter. The following factors
must be considered when operating at low VREF values.
1. Offset
2. Noise
3. Conversion speed (CLK frequency)
Offset with Reduced VREF
The offset of the LTC1096 has a larger effect on the output
code when the ADC is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the
LSB is reduced. The typical curve of Unadjusted Offset
Error vs Reference Voltage shows how offset in LSBs is
APPLICATIONS INFORMATION
RFILTER
VIN
CFILTER
10968 F09
LTC1098
“+”
“–”
IDC
RON
5pF TO 30pF
LTC1096
REF+
ROUT
VREF
EVERY CLK CYCLE
5
4
GND
10968 F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com