Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1275ACSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1275ACSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1275ACSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1275ACSW Datasheet HTML 3Page - Linear Technology LTC1275ACSW Datasheet HTML 4Page - Linear Technology LTC1275ACSW Datasheet HTML 5Page - Linear Technology LTC1275ACSW Datasheet HTML 6Page - Linear Technology LTC1275ACSW Datasheet HTML 7Page - Linear Technology LTC1275ACSW Datasheet HTML 8Page - Linear Technology LTC1275ACSW Datasheet HTML 9Page - Linear Technology LTC1275ACSW Datasheet HTML 10Page - Linear Technology LTC1275ACSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1273
LTC1275/LTC1276
127356fa
INPUT FREQUENCY (Hz)
10k
0
3
5
7
10
100k
2M
LTC1273/75/76 • TPC04
1
4
6
9
12
11
8
2
1M
62
56
74
68
50
fSAMPLE = 300kHz
ENOBs and S/(N + D)
vs Input Frequency
INPUT FREQUENCY (Hz)
1k
0
10k
1M
LTC1273/75/76 • TPC05
80
100k
fSAMPLE = 300kHz
70
60
50
40
30
20
10
Signal-to-Noise Ratio (Without
Harmonics) vs Input Frequency
Distortion vs Input Frequency
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
CODE
0
–1.0
–0.5
0
0.5
1.0
512 1024 1536 2048
LTC1273/75/76 • TPC01
2560 3072 3584 4096
Integral Nonlinearity
TEMPERATURE (
°C)
–50
0
10
25
0
50
75
LTC1273/75/76 • TPC03
5
20
15
–25
25
100
125
CODE
0
–1.0
–0.5
0
0.5
1.0
512 1024 1536 2048
LTC1273/75/76 • TPC02
2560 3072 3584 4096
Differential Nonlinearity
Supply Current vs Temperature
Power Supply Feedthrough
vs Ripple Frequency (LTC1273)
RIPPLE FREQUENCY (Hz)
1k
–120
–40
–20
0
10k
100k
1M
LTC1273/75/76 • TPC07
–60
–80
–100
VDD
(VRIPPLE = 1mV)
DGND
(VRIPPLE = 0.1V)
fSAMPLE = 300kHz
Power Supply Feedthrough
vs Ripple Frequency (LTC1275/76)
RIPPLE FREQUENCY (Hz)
1k
–120
–40
–20
0
10k
100k
1M
LTC1273/75/76 • TPC08
–60
–80
–100
fSAMPLE = 300kHz
VDD (VRIPPLE = 1mV)
DGND (VRIPPLE = 0.1V)
VSS (VRIPPLE = 10mV)
INPUT FREQUENCY (Hz)
–80
–60
–40
–20
0
1k
100k
1M
10M
LTC1273/75/76 • TPC06
–100
10k
–90
–70
–50
–30
–10
fSAMPLE = 300kHz
THD
2nd HARMONIC
3rd HARMONIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com