Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1275ACSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1275ACSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1275ACSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1275ACSW Datasheet HTML 6Page - Linear Technology LTC1275ACSW Datasheet HTML 7Page - Linear Technology LTC1275ACSW Datasheet HTML 8Page - Linear Technology LTC1275ACSW Datasheet HTML 9Page - Linear Technology LTC1275ACSW Datasheet HTML 10Page - Linear Technology LTC1275ACSW Datasheet HTML 11Page - Linear Technology LTC1275ACSW Datasheet HTML 12Page - Linear Technology LTC1275ACSW Datasheet HTML 13Page - Linear Technology LTC1275ACSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1273
LTC1275/LTC1276
127356fa
S
APPLICATI
I FOR ATIO
CONVERSION DETAILS
The LTC1273/LTC1275/LTC1276 use a successive ap-
proximation algorithm and an internal sample-and-hold
circuit to convert an analog signal to a 12-bit parallel or
2-byte output. The ADCs are complete with a precision
reference and an internal clock. The control logic provides
easy interface to microprocessors and DSPs. (Please refer
to the Digital Interface section for the data format.)
Conversion start is controlled by the CS, RD and HBEN
inputs. At the start of conversion the successive approxi-
mation register (SAR) is reset and the three-state data
outputs are enabled. Once a conversion cycle has begun
it cannot be restarted.
During conversion, the internal 12-bit capacitive DAC
output is sequenced by the SAR from the most significant
bit (MSB) to the least significant bit (LSB). Referring to
Figure 1, the AIN input connects to the sample-and-hold
capacitor during the acquire phase, and the comparator
offset is nulled by the feedback switch. In this acquire
phase, a minimum delay of 600ns will provide enough
time for the sample-and-hold capacitor to acquire the
analog signal. During the convert phase, the comparator
feedback switch opens, putting the comparator into the
compare mode. The input switch switches CSAMPLE to
ground, injecting the analog input charge onto the sum-
ming junction. This input charge is successively com-
pared with the binary-weighted charges supplied by the
Figure 2. LTC1275 Nonaveraged, 1024 Point FFT Plot
FREQUENCY (kHz)
0
–120
–100
–80
–60
–40
40
80
120
160
LTC1273/75/76 • F02
–20
0
20
60
100
140
fSAMPLE = 300kHz
fIN = 29.37kHz
Figure 1. AIN Input
VDAC
LTC1273/75/76 • F01
+
–
CDAC
DAC
SAMPLE
HOLD
CSAMPLE
S
A
R
12-BIT
LATCH
COMPARATOR
SAMPLE
SI
AIN
capacitive DAC. Bit decisions are made by the high speed
comparator. At the end of a conversion, the DAC output
balances the AIN input charge. The SAR contents (a 12-bit
data word) which represent the AIN are loaded into the
12-bit output latches.
DYNAMIC PERFORMANCE
The LTC1273/LTC1275/LTC1276 have an exceptionally
high speed sampling capability. FFT (Fast Fourier Trans-
form) test techniques are used to characterize the ADC’s
frequency response, distortion and noise at the rated
throughput. By applying a low distortion sine wave and
analyzing the digital output using an FFT algorithm, the
ADC’s spectral content can be examined for frequencies
outside the fundamental. Figure 2 shows a typical LTC1275
FFT plot.
Signal-to-Noise Ratio
The Signal-to-Noise plus Distortion Ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 2 shows a typical spectral content with
a 300kHz sampling rate and a 29kHz input. The dynamic
performance is excellent for input frequencies up to the
Nyquist limit of 150kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com