Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1275ACSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1275ACSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1275ACSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1275ACSW Datasheet HTML 1Page - Linear Technology LTC1275ACSW Datasheet HTML 2Page - Linear Technology LTC1275ACSW Datasheet HTML 3Page - Linear Technology LTC1275ACSW Datasheet HTML 4Page - Linear Technology LTC1275ACSW Datasheet HTML 5Page - Linear Technology LTC1275ACSW Datasheet HTML 6Page - Linear Technology LTC1275ACSW Datasheet HTML 7Page - Linear Technology LTC1275ACSW Datasheet HTML 8Page - Linear Technology LTC1275ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1273
LTC1275/LTC1276
127356fa
■ Single Supply 5V or
±5V Operation
■ 300ksps Sample Rate
■ 75mW (Typ) Power Dissipation
■ On-Chip 25ppm/
°C Reference
■ Internal Synchronized Clock; No Clock Required
■ High Impedance Analog Input
■ 70dB S/(N + D) and 77dB THD at Nyquist
■
±1/2LSB INL and ±3/4LSB DNL Max (A Grade)
■ ESD Protected On All Pins
■ 24-Pin Narrow PDIP and SW Packages
■ Variety of Input Ranges:
0V to 5V (LTC1273)
±2.5V (LTC1275)
±5V (LTC1276)
Effective Bits and Signal to (Noise + Distortion)
vs Input Frequency
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
NC
BUSY
CS
RD
HBEN
NC
NC
D0/8
D1/9
D2/10
D3/11
LTC1273
+
0.1
µF
10
µF
2.42V
VREF
OUTPUT
ANALOG INPUT
(0V TO 5V)
+
10
µF
0.1
µF
5V
8- OR 12-BIT
PARALLEL BUS
µP CONTROL
LINES
LTC1273/75/76 • TA01
INPUT FREQUENCY (Hz)
10k
0
3
5
7
10
100k
2M
LTC1273/75/76 • TA02
1
4
6
9
12
11
8
2
1M
62
56
74
68
50
fSAMPLE = 300kHz
NYQUIST
FREQUENCY
■
High Speed Data Acquisition
■ Digital Signal Processing
■ Multiplexed Data Acquisition Systems
■
Audio and Telecom Processing
■ Spectrum Analysis
The LTC
®1273/LTC1275/LTC1276 are 300ksps, sam-
pling 12-bit A/D converters that draw only 75mW from
single 5V or
±5V supplies. These easy-to-use devices
come complete with 600ns sample-and-holds, precision
references and internally trimmed clocks. Unipolar and
bipolar conversion modes provide flexibility for various
applications. They are built with LTBiCMOS
TM switched
capacitor technology.
These devices have 25ppm/
°C (max) internal references.
The LTC1273 converts 0V to 5V unipolar inputs from a
single 5V supply. The LTC1275/LTC1276 convert
±2.5V
and
±5V respectively from ±5V supplies. Maximum DC
specifications include
±1/2LSB INL, ±3/4LSB DNL and
25ppm/
°C full scale drift over temperature. Outstanding
AC performance includes 70dB S/(N + D) and 77dB THD
at the Nyquist input frequency of 150kHz.
The internal clock is trimmed for 2.7
µs maximum conver-
sion time. The clock automatically synchronizes to each
sample command eliminating problems with asynchro-
nous clock noise found in competitive devices. A high
speed parallel interface eases connections to FIFOs, DSPs
and microprocessors.
12-Bit, 300ksps Sampling
A/D Converters with Reference
Single 5V Supply, 300ksps, 12-Bit Sampling A/D Converter
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
LTBiCMOS is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1275ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1275ACS LINER-LTC1275ACS Datasheet
451Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results

Similar Description - LTC1275ACSW

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
12-Bit Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273 Datasheet
451Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Sipex Corporation
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
12-bit Sampling A/D Converters
logo
Linear Technology
LTC1282 LINER-LTC1282_15 Datasheet
366Kb / 24P
3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276 LINER-LTC1276_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com