Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1275ACSW Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1275ACSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1275ACSW Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1275ACSW Datasheet HTML 16Page - Linear Technology LTC1275ACSW Datasheet HTML 17Page - Linear Technology LTC1275ACSW Datasheet HTML 18Page - Linear Technology LTC1275ACSW Datasheet HTML 19Page - Linear Technology LTC1275ACSW Datasheet HTML 20Page - Linear Technology LTC1275ACSW Datasheet HTML 21Page - Linear Technology LTC1275ACSW Datasheet HTML 22Page - Linear Technology LTC1275ACSW Datasheet HTML 23Page - Linear Technology LTC1275ACSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1273
LTC1275/LTC1276
127356fa
©LINEAR TECHNOLOGY CORPORATION 1993
LT 0107 REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1272-3
12-Bit, 250ksps ADC
5V Single Supply, Internal Reference, AD7572 Pinout
LTC1278-4
12-Bit, 400ksps, Single Channel ADC
5V or
±5V Supplies, 0V to 5V or ±2.5V Input Range
LTC1278-5
12-Bit, 500ksps, Single Channel ADC
5V or
±5V Supplies, 0V to 5V or ±2.5V Input Range
LTC1403/LTC1403-1
12-Bit, 2.8Msps, Single Channel ADC
3V Single Supply, 14mW, 10-Pin MSOP Package
LT1460
Micropower Precision Series Reference
130
µA Supply Current, 10ppm/°C, SOT-23 Package
LT1790
Micropower Low Dropout Reference
60
µA Supply Current, 10ppm/°C, SOT-23 Package
LTC1860
12-Bit, 250ksps, Single Channel ADC
5V Single Supply, 4.25mW, 10-Pin MSOP Package
LTC1864
16-Bit, 250ksps, Single Channel ADC
5V Single Supply, 4.25mW, 10-Pin MSOP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com