Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1472CS Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology LTC1472CS Datasheet HTML 11Page - Linear Technology LTC1472CS Datasheet HTML 12Page - Linear Technology LTC1472CS Datasheet HTML 13Page - Linear Technology LTC1472CS Datasheet HTML 14Page - Linear Technology LTC1472CS Datasheet HTML 15Page - Linear Technology LTC1472CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1472
1472fa
LT/LT 0705 REV A • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1995
PACKAGE DESCRIPTION
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
S Package
16-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
.016 – .050
(0.406 – 1.270)
.010 – .020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
.008 – .010
(0.203 – 0.254)
1
N
2
3
4
5
6
7
8
N/2
.150 – .157
(3.810 – 3.988)
NOTE 3
16
15
14
13
.386 – .394
(9.804 – 10.008)
NOTE 3
.228 – .244
(5.791 – 6.197)
12
11
10
9
S16 0502
.053 – .069
(1.346 – 1.752)
.014 – .019
(0.355 – 0.483)
TYP
.004 – .010
(0.101 – 0.254)
.050
(1.270)
BSC
.245
MIN
N
12
3
N/2
.160
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
.050 BSC
.030
±.005
TYP
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
PART NUMBER
DESCRIPTION
COMMENTS
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.7V to 6V, VOUT = 0.8V, IQ = 20µA
LTC3405A-1.5
DC/DC Converters
ISD = <1µA, ThinSOT Package
LTC3405A-1.8
LTC3406/LTC3406B
600mA (IOUT) 1.5MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.6V, IQ = 20µA
DC/DC Converter
ISD = <1µA, ThinSOT Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA
DC/DC Converter
ISD = <1µA, MS10 Package
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA
DC/DC Converter
ISD = <1µA, TSSOP16E Package
LTC3413
3A (IOUT), Sink/Source, 2MHz, Monolithic Synchronous
90% Efficiency, VIN = 2.25V to 5.5V, VOUT = VREF/2, IQ = 280µA
Regulator for DDR/QDR Memory Termination
ISD = <1µA, TSSOP16E Package
LT3430
60V, 2.75A (IOUT), 200kHz, High Efficiency Step-Down
90% Efficiency, VIN = 5.5V to 60V, VOUT = 1.20V, IQ = 2.5mA
DC/DC Converter
ISD = 25µA, TSSOP16E Package
LTC3440
600mA (IOUT), 2MHz, Synchronous Buck-Boost
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 2.5V, IQ = 25µA
DC/DC Converter
ISD = <1µA, MS Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com