Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1472CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1472CS Datasheet HTML 1Page - Linear Technology LTC1472CS Datasheet HTML 2Page - Linear Technology LTC1472CS Datasheet HTML 3Page - Linear Technology LTC1472CS Datasheet HTML 4Page - Linear Technology LTC1472CS Datasheet HTML 5Page - Linear Technology LTC1472CS Datasheet HTML 6Page - Linear Technology LTC1472CS Datasheet HTML 7Page - Linear Technology LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1472
1472fa
ABSOLUTE MAXIMUM RATINGS
(Note 1)
5VIN Supply Voltage ................................... – 0.3V to 7V
3VIN Supply Voltage ....................................– 0.3V to 7V
VPPIN Supply Voltage .............................– 0.3V to 13.2V
VCC(IN) Supply Voltage ................................... – 0.3 to 7V
VDD(IN) Supply Voltage ................................– 0.3V to 7V
VPPOUT (OFF) .........................................– 0.3V to 13.2V
VCC(OUT) (OFF) .............................................– 0.3V to 7V
Enable Inputs ............................................ – 0.3V to 5VIN
VPPOUT Short-Circuit Duration ........................ Indefinite
VCC(OUT) Short-Circuit Duration ....................... Indefinite
Operating Temperature Range ..................... 0
°C to 70°C
Junction Temperature ........................................... 100
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC1472CS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
5VIN
5VIN Supply Voltage Range
(Note 3)
4.75
5.25
V
3VIN
3VIN Supply Voltage Range
(Note 4)
0
3.60
V
I5VIN
5VIN Supply Current
Program to Hi-Z
0.01
10
µA
Program to 5V, No Load
140
200
µA
Program to 3.3V, No Load
100
160
µA
I3VIN
3VIN Supply Current
Program to Hi-Z.
0.01
10
µA
Program to 5V, No Load
0.01
10
µA
Program to 3.3V, No Load
40
80
µA
RON
5V Switch On Resistance
Program to 5V, IOUT = 500mA
0.14
0.18
3.3V Switch On Resistance
Program to 3.3V, IOUT = 500mA
0.12
0.16
ILKG
Output Leakage Current OFF
VCC EN0 = VCC EN1 = 0V or 5V, 0V ≤ VCC(OUT) ≤ 5V
±10
µA
ILIM5V
VCC(OUT) 5V Current Limit
Program to 5V, VCC(OUT) = 0V (Note 5)
1
A
ILIM3V
VCC(OUT) 3.3V Current Limit
Program to 3.3V, VCC(OUT) = 0V (Note 5)
1
A
VCCENH
VCC Enable Input High Voltage
2V
VCCENL
VCC Enable Input Low Voltage
0.8
V
IVCCEN
VCC Enable Input Current
0V
≤ VCCEN ≤ 5V
±1
µA
tVCC1
Delay + Rise Time
From 0V to 3.3V, RLOAD = 100Ω, CLOAD = 1µF (Note 6)
0.2
0.32
1
ms
tVCC2
Delay + Rise Time
From 3.3V to 5V, RLOAD = 100Ω, CLOAD = 1µF (Note 6)
0.2
0.52
1
ms
tVCC3
Delay + Rise Time
From 0V to 5V, RLOAD = 100Ω, CLOAD = 1µF (Note 6)
0.2
0.38
1
ms
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
TJMAX = 100°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC(OUT)
5VIN
VCC EN1
VCC EN0
VPPIN
SHDN
VPP EN0
VPP EN1
VCC(OUT)
3VIN
3VIN
GND
VCC(IN)
VPPOUT
GND
VDD
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(VCC Switch Section) The denotes specifications which apply over the full operating temperature range, otherwise specifications
are at TA = 25°C. 5VIN = 5V, 3VIN = 3.3V, VPP EN0 = VPP EN1 = OV, (Note 2) unless otherwise noted.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com