Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1472CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1472CS Datasheet HTML 1Page - Linear Technology LTC1472CS Datasheet HTML 2Page - Linear Technology LTC1472CS Datasheet HTML 3Page - Linear Technology LTC1472CS Datasheet HTML 4Page - Linear Technology LTC1472CS Datasheet HTML 5Page - Linear Technology LTC1472CS Datasheet HTML 6Page - Linear Technology LTC1472CS Datasheet HTML 7Page - Linear Technology LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1472
1472fa
Protected PCMCIA VCC and
VPP Switching Matrix
The LTC
®1472 switching matrix routes power to both the
VCC and VPP power supply pins of the PCMCIA compatible
card socket. The VCC output of the LTC1472 is switched
between three operating states: OFF, 3.3V, and 5V. The
VPP output is switched between four operating states: 0V,
VCC, 12V, and Hi-Z. The output voltages are selected by
two sets of digital inputs which are compatible with
industry standard PC Card controllers (see Truth Tables).
The VCC output of the LTC1472 can supply up to 1A of
current and the VPP output up to 120mA. Both switches
have built-in SafeSlot
TM current limiting and thermal shut-
down to protect the card, socket and power supply against
accidental short-circuit conditions.
The LTC1472 is designed to conserve power by automati-
cally dropping to 1
µA standby current when the two
outputs are switched OFF. A shutdown pin is provided
which holds the external 12V regulator in standby mode
except when required for VPP power.
The LTC1472 is available in 16-pin SO package.
■
Both VCC and VPP Switching in a Single Package
■ Built-In Current Limit and Thermal Shutdown
■ 16-Pin (Narrow) SOIC Package
■
Inrush Current Limited (Drives 150
µF Loads)
■ Continuous 12V Power Not Required
■ Extremely Low RDS(ON) NMOS Switches
■
Guaranteed 1A VCC Current and 120mA VPP Current
■ 1
µA Quiescent Current in Standby
■ No External Components Required
■
Compatible with Industry Standard Controllers
■ Break-Before-Make Switching
■ Controlled Rise and Fall Times
■ OpenCable Set Top Box
■ Notebook Computers
■ Palmtop Computers
■ Pen-Based Computers
■ Bar-Code Readers
3VIN
VPPIN
5VIN
VDD
VPP EN0
VPP EN1
VCC EN0
VCC EN1
SHDN
VPPOUT
VCC(IN)
VCC(OUT)
LTC1472
GND
12V
3.3V
5V
OV, VCC, 12V, Hi-Z
VPP1
VPP2
VCC
VCC
PCMCIA
CARD SLOT
CONTROLLER
PCMCIA
CARD SLOT
OFF, 3.3V, 5V
LTC1472-TA01
1
µF
0.1
µF
0.1
µF
10k
0.1
µF
0.1
µF
TO 12V REGULATOR
+
DEVICE
DESCRIPTION
PACKAGE
LT
®1312
Single PCMCIA VPP Driver/Regulator
8-Pin SO
LT1313
Dual PCMCIA VPP Driver/Regulator
16-Pin SO*
LTC1314
Single PCMCIA Switch Matrix
14-Pin SO
LTC1315
Dual PCMCIA Switch Matrix
24-Pin SSOP
LTC1470
Protected VCC 5V/3.3V Switch Matrix
8-Pin SO
LTC1471
Dual Protected VCC 5V/3.3V Switch Matrix
16-Pin SO*
LTC1472
Protected VCC and VPP Switch Matrix
16-Pin SO*
*Narrow Body
Protected PCMCIA VCC and VPP Card Driver
Linear Technology PCMCIA Product Family
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
SafeSlot is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1472CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472CS LINER-LTC1472CS Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results

Similar Description - LTC1472CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com