Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1472CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1472CS
Description  Protected PCMCIA VCC and VPP Switching Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1472CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1472CS Datasheet HTML 2Page - Linear Technology LTC1472CS Datasheet HTML 3Page - Linear Technology LTC1472CS Datasheet HTML 4Page - Linear Technology LTC1472CS Datasheet HTML 5Page - Linear Technology LTC1472CS Datasheet HTML 6Page - Linear Technology LTC1472CS Datasheet HTML 7Page - Linear Technology LTC1472CS Datasheet HTML 8Page - Linear Technology LTC1472CS Datasheet HTML 9Page - Linear Technology LTC1472CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1472
1472fa
PIN FUNCTIONS
Enable Input (Pins 3,4,7,8)
The two VCC and two VPP Enable inputs are designed to
interface directly with industry standard PCMCIA control-
lers. They are high impedance CMOS gates with ESD
protection diodes to ground, and should not be forced
above 5VIN or below ground. Both sets of inputs have
about 100mV of built-in hysteresis to ensure clean switch-
ing between operating modes.
Shutdown Output (Pin 6)
The LTC1472 is designed to operate
without continuous
12V power. The gates of the VCC NMOS switches are
powered by charge pumps from the 5VIN supply, and the
gates of the VPP NMOS switches are powered by charge
pumps powered from the VDD supply when 12V is not
present at the VPPIN pin (see Application Information for
more details). Therefore, the external 12V regulator can be
shut down most of the time, and only turned on when
programming the socket VPP pin to 12V.
The shutdown output is active high; i.e. the system 12V
regulator is shut down when this output is held high and
turned on when this output is held low.
VPPIN Supply (Pin 5)
The VPPIN supply pin serves two purposes. The first
purpose is to provide power and gate drive for the VPPIN-
VPPOUT switch. The second purpose is to provide optional
12V gate drive for the VCC(IN)-VPPOUT switch. If, however,
this 12V power is not available, gate drive is obtained
automatically from the 5V VDD supply by an internal 5V to
12V charge pump converter.
VDD Supply (Pin 9)
The VDD pin provides power for the input, charge pump
and control circuitry for the VPP section of the LTC1472
and therefore must be continuously powered. The standby
quiescent current is typically 0.1
µA when the VPPOUT pin
is programmed to 0V or Hi-Z and only rises to micropower
levels when the VPP switches are active.
VCC(IN) Supply (Pin 12)
The VCC(IN) supply pin is typically connected directly to the
VCC(OUT) pin from the VCC switch section of the LTC1472.
It can also be connected directly to a 3.3V or 5V power
supply if desired. This supply pin does not provide any
power to the internal control circuitry and is simply the
input to the VCC(IN)-VPPOUT switch and therefore does not
consume any power when unloaded or turned off.
5VIN Supply (Pin 2)
The 5VIN supply pin serves two purposes. The first pur-
pose is as the power supply input for the 5V NMOS switch.
The second purpose is to provide power for the input, gate
drive and protection circuitry for both the 3.3V and 5V VCC
switches,
this pin must be continuously powered.
The enable inputs should be turned off (both asserted high
or both asserted low) at least 100
µs before the 5VIN power
is removed to ensure that both VCC NMOS switch gates are
fully discharged and both switches are in the high imped-
ance mode.
3VIN Supply (Pins 14,15)
The 3VIN supply pin serves as the power supply input for
the 3.3V switch. This pin does not provide any power to the
internal control circuitry and therefore does not consume
any power when unloaded or turned off.
VCC(OUT) and VPPOUT Output (Pins 1,11,16)
The VCC output of the LTC1472 is switched between the
three operating states: OFF, 3.3V, and 5V. The VPP output
is switched between four operating states: 0, VCC, 12V and
Hi-Z. Both pins are protected against accidental short-
circuit conditions to ground by independent SafeSlot
foldback current-limit circuitry which protects the socket,
card and the system power supplies against damage. A
second level of protection is provided by independent
thermal shut down circuitry which protects each switch
against overtemperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com