Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCED4100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCED4100
Description  Optocoupler with Photodarlington Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCED4100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCED4100 Datasheet HTML 1Page - Vishay Siliconix TCED4100 Datasheet HTML 2Page - Vishay Siliconix TCED4100 Datasheet HTML 3Page - Vishay Siliconix TCED4100 Datasheet HTML 4Page - Vishay Siliconix TCED4100 Datasheet HTML 5Page - Vishay Siliconix TCED4100 Datasheet HTML 6Page - Vishay Siliconix TCED4100 Datasheet HTML 7Page - Vishay Siliconix TCED4100 Datasheet HTML 8Page - Vishay Siliconix TCED4100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCED1100(G) up to TCED4100
Vishay Telefunken
Rev. A3, 11–Jan–99
234
Optocoupler with Photodarlington Output
Description
The TCED1100/ TCED2100/ TCED4100 consists of
a phototransistor optically coupled to a gallium arse-
nide infrared-emitting diode in a 4-lead up to 16-lead
plastic dual inline package.
The elements are mounted on one leadframe using
a coplanar technique, providing a fixed distance
between input and output for highest safety
requirements.
Applications
Circuits for safe protective separation against
electrical
shock
according to safety class II
(reinforced isolation):
D For appl. class I – IV at mains voltage ≤ 300 V
D For appl. class I – III at mains voltage ≤ 600 V
according to VDE 0884, table 2, suitable for:
Switch-mode power supplies, line receiver,
computer peripheral interface, microprocessor
system interface.
VDE Standards
These couplers perform safety functions according
to the following equipment standards:
D VDE 0884
Optocoupler for electrical safety requirements
D IEC 950/EN 60950
Office machines (applied for reinforced
isolation for mains voltage
≤ 400 VRMS)
D VDE 0804
Telecommunication apparatus and data
processing
D IEC 65
Safety for mains-operated electronic and
related household apparatus
14925
Coll. Emitter
Anode
Cath.
4 PIN
8 PIN
16 PIN
14580
C
Order Instruction
Ordering Code
CTR Ranking
Remarks
TCED1100/ TCED1100G1)
600%
4 Pin = Single channel
TCED2100
600%
8 Pin = Dual channel
TCED4100
600%
16 Pin = Quad channel
1) G = Leadform 10.16 mm; G is not market on the body


Similar Part No. - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCED4100 VISHAY-TCED4100 Datasheet
155Kb / 8P
Optocoupler, Photodarlington Output, Dual Channel, High Gain
16-May-08
More results

Similar Description - TCED4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
Optocoupler with Photodarlington Output
26-Jan-05
K815P VISHAY-K815P Datasheet
172Kb / 9P
Optocoupler with Photodarlington Output
29-Jun-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
Optocoupler with Photodarlington Output
19-Mar-01
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
Optocoupler with Photodarlington Output
15-Dec-00
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com