Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 7Page - Linear Technology LTC1594CS Datasheet HTML 8Page - Linear Technology LTC1594CS Datasheet HTML 9Page - Linear Technology LTC1594CS Datasheet HTML 10Page - Linear Technology LTC1594CS Datasheet HTML 11Page - Linear Technology LTC1594CS Datasheet HTML 12Page - Linear Technology LTC1594CS Datasheet HTML 13Page - Linear Technology LTC1594CS Datasheet HTML 14Page - Linear Technology LTC1594CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1594/LTC1598
15948fb
APPLICATIONS INFORMATION
Figure 2. LTC1594/LTC1598 Operating Sequence Example: All Channels Off
CLK
EN
D1
D2
tCYC
Hi-Z
DOUT
CH0 TO
CH7
DIN
tCONV
Hi-Z
tsuCS
NULL
BIT
D0
tOFF
D0N‘T CARE
ADCIN =
MUXOUT
COM = GND
1594/98 F02
DUMMY CONVERSION
CSMUX = CSADC = CS
break-before-make interval, tOPEN. After a delay of tON
(tOFF + tOPEN), the selected channel is switched on,
allowing the ADC in the chip to acquire input signal and
start the conversion (see Figures 1 and 2). After 1 null bit,
the result of the conversion is output on the DOUT line.
The selected channel remains on, until the next falling
edge of CS. At the end of the data exchange CS should be
brought high. This resets the LTC1594/LTC1598 and
initiates the next data exchange.
DIN1
DIN2
DOUT1
DOUT2
CS
SHIFT MUX
ADDRESS IN
tSMPL + 1 NULL BIT
SHIFT A/D CONVERSION
RESULT OUT
1594/98 AI01
Break-Before-Make
The LTC1594/LTC1598 provide a break-before-make
interval from switching off all the channels simulta-
neously to switching on the next selected channel once
CS is pulled low. In other words, once CS is pulled low,
Data Transfer
The CLK synchronizes the data transfer with each bit
being transmitted on the falling CLK edge and captured
on the rising CLK edge in both transmitting and receiving
systems.
The LTC1594/LTC1598 first receive input data and then
transmit back the A/D conversion results (half duplex).
Because of the half duplex operation, DIN and DOUT may
be tied together allowing transmission over just 3 wires:
CS, CLK and DATA (DIN/DOUT).
Data transfer is initiated by a rising chip select (CS)
signal. After CS rises the input data on the DIN pin is
latched into a 4-bit register on the rising edge of the clock.
More than four input bits can be sent to the DIN pin
without problems, but only the last four bits clocked in
before CS falls will be stored into the 4-bit register. This
4-bit input data word will select the channel in the
multiplexer (see Input Data Word and Tables 1 and 2). To
ensure correct operation the CS must be pulled low
before the next rising edge of the clock.
Once the CS is pulled low, all channels are simulta-
neously switched off after a delay of tOFF to ensure a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com