Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594CS Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 16Page - Linear Technology LTC1594CS Datasheet HTML 17Page - Linear Technology LTC1594CS Datasheet HTML 18Page - Linear Technology LTC1594CS Datasheet HTML 19Page - Linear Technology LTC1594CS Datasheet HTML 20Page - Linear Technology LTC1594CS Datasheet HTML 21Page - Linear Technology LTC1594CS Datasheet HTML 22Page - Linear Technology LTC1594CS Datasheet HTML 23Page - Linear Technology LTC1594CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1594/LTC1598
15948fb
© LINEAR TECHNOLOGY CORPORATION 1996
LT 0507 REV B • PRINTED IN USA
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1096/LTC1098
8-Pin SO, Micropower 8-Bit ADC
Low Power, Small Size, Low Cost
LTC1096L/LTC1098L
8-Pin SO, 2.65V Micropower 8-Bit ADC
Low Power, Small Size, Low Cost
LTC1196/LTC1198
8-Pin SO, 1Msps 8-Bit ADC
Low Power, Small Size, Low Cost
LTC1282
3V High Speed Parallel 12-Bit ADC
140ksps, Complete with VREF, CLK, Sample-and-Hold
LTC1285/LTC1288
8-Pin SO, 3V, Micropower 12-Bit ADC
1- or 2-Channel, Auto Shutdown
LTC1286/LTC1298
8-Pin SO, 5V, Micropower 12-Bit ADC
1- or 2-Channel, Auto Shutdown
LTC1289
Multiplexed 3V, 12-Bit ADC
8-Channel 12-Bit Serial I/O
LTC1290
Multiplexed 12-Bit ADC
8-Channel 12-Bit Serial I/O
LTC1415
5V High Speed Parallel 12-Bit ADC
1.25Msps, Complete with VREF, CLK, Sample-and-Hold
LTC1594L
4-Channel, 3V Micropower 12-Bit ADC
Low Power, Small Size, Low Cost
LTC1598L
8-Channel, 3V Micropower 12-Bit ADC
Low Power, Small Size, Low Cost
Using the LTC1598 and LTC1391 as an 8-Channel Differential 12-Bit ADC System
1594/98 TA07
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
20
21
22
23
24
1
2
3
+
–
8-CHANNEL
MUX
8
COM
GND
4, 9
10
6
5, 14
7
11
CSADC
CSMUX
CLK
DIN
DOUT
12
13
NC
NC
12-BIT
SAMPLING
ADC
ADCIN
MUXOUT
18
17
16
15, 19
1
μF
1
μF
5V
VREF VCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1391
CH0
CH7
DIN
CLK
CS
DOUT
5V
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
V+
D
V –
DOUT
DIN
CS
CLK
GND
LTC1598
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com