Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594CS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 16Page - Linear Technology LTC1594CS Datasheet HTML 17Page - Linear Technology LTC1594CS Datasheet HTML 18Page - Linear Technology LTC1594CS Datasheet HTML 19Page - Linear Technology LTC1594CS Datasheet HTML 20Page - Linear Technology LTC1594CS Datasheet HTML 21Page - Linear Technology LTC1594CS Datasheet HTML 22Page - Linear Technology LTC1594CS Datasheet HTML 23Page - Linear Technology LTC1594CS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1594/LTC1598
15948fb
TYPICAL APPLICATIONS N
LDA #$52
Configuration data for serial peripheral
control register (Interrupts disabled, output
enabled, master, Norm = 0, Ph = 0, Clk/16)
STA $0A
Load configuration data into location $0A (SPCR)
LDA #$FF
Configuration data for I/O ports
(all bits are set as outputs)
STA $04
Load configuration data into Port A DDR ($04)
STA $05
Load configuration data into Port B DDR ($05)
STA $06
Load configuration data into Port C DDR ($06)
LDA #$08
Put DIN word for LTC1598 into Accumulator
(CH0 with respect to GND)
STA $50
Load DIN word into memory location $50
START BSET 0,$02
Bit 0 Port C ($02) goes high (CS goes high)
LDA $50
Load DIN word at $50 into Accumulator
STA $0C
Load DIN word into SPI data register ($0C) and
start clocking data
LOOP1 TST $0B
Test status of SPIF bit in SPI status register ($0B)
MC68HC05 CODE
BPL LOOP1 Loop if not done with transfer to previous instruction
BCLR 0,$02
Bit 0 Port C ($02) goes low (CS goes low)
LDA $0C
Load contents of SPI data register into Accumulator
STA $0C
Start next SPI cycle
LOOP2 TST $0B
Test status of SPIF
BPL LOOP2 Loop if not done
LDA $0C
Load contents of SPI data register into Accumulator
STA $0C
Start next SPI cycle
AND #$IF
Clear 3 MSBs of first DOUT word
STA $00
Load Port A ($00) with MSBs
LOOP3 TST $0B
Test status of SPIF
BPL LOOP3 Loop if not done
LDA $0C
Load contents of SPI data register into Accumulator
AND #$FE
Clear LSB of second DOUT word
STA $01
Load Port B ($01) with LSBs
JMP START Go back to start and repeat program
1594/98 TA04
DOUT FROM LTC1598 STORED IN MC68HC05 RAM
B1
B0
0
B2
B3
B5
B6
B4
0
0
LSB
MSB
#00
#01
0
B11
B10
B9
B8
B7
CLK
DIN
CSMUX
CSADC
ANALOG
INPUTS
C0
SCK
MC68HC05
DOUT
MOSI
LTC1598
BYTE 1
BYTE 2
MISO
Hardware and Software Interface to Motorola MC68HC05
Data Exchange Between LTC1598 and MC68HC05
CSMUX
= CSADC
= CS
CLK
DOUT
MPU
RECEIVED
WORD
1594/98 TA03
B3
B7
B6
B5
B4
B2
B1
B0
B1
B2
B11
B10
B9
B8
DIN
MPU
TRANSMIT
WORD
BYTE 3
BYTE 2
EN
D2
0D1
X
D0
BYTE 1
X
X
X
X
X
X
X
00
0
X
X
X
XX
X
X
X
BYTE 3
BYTE 2
BYTE 1
B10
?
?
0
B11
B9
B7
B8
B6
B5
B3
B4
B2
B1
B1
B0
DON‘T CARE
D1
D2
?
??
?
?
??
?
DO
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com