Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1594CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1594CS
Description  4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1594CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1594CS Datasheet HTML 8Page - Linear Technology LTC1594CS Datasheet HTML 9Page - Linear Technology LTC1594CS Datasheet HTML 10Page - Linear Technology LTC1594CS Datasheet HTML 11Page - Linear Technology LTC1594CS Datasheet HTML 12Page - Linear Technology LTC1594CS Datasheet HTML 13Page - Linear Technology LTC1594CS Datasheet HTML 14Page - Linear Technology LTC1594CS Datasheet HTML 15Page - Linear Technology LTC1594CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1594/LTC1598
15948fb
after a delay of tOFF, all the channels are switched off to
ensure a break-before-make interval. After this interval,
the selected channel is switched on allowing signal
transmission. The selected channel remains on until the
next falling edge of CS and the process repeats itself with
the “EN” bit being logic high. If the “EN” bit is logic low,
all the channels are switched off simultaneously after a
delay of tOFF from CS being pulled low and all the
channels remain off until the next falling edge of CS.
Input Data Word
When CS is high, the LTC1594/LTC1598 clock data into
the DIN inputs on the rising edge of the clock and store the
data into a 4-bit register. The input data words are defined
as follows:
D0
EN
D2
D1
CHANNEL SELECTION
1594/98 AI02
“EN” Bit
The first bit in the 4-bit register is an “EN” bit. If the “EN”
bit is a logic high, as illustrated in Figure 1, it enables the
selected channel after a delay of tON when the CS is pulled
low. If the “EN” bit is logic low, as illustrated in Figure 2,
it disables all channels after a delay of tOFF when the CS
is pulled low.
Multiplexer (MUX) Address
The 3 bits of input word following the “EN” bit select the
channel in the MUX for the requested conversion. For a
given channel selection, the converter will measure the
voltage of the selected channel with respect to the voltage
on the COM pin. Tables 1 and 2 show the various bit
combinations for the LTC1594/LTC1598 channel selection.
Table 1. Logic Table for the LTC1594 Channel Selection
CHANNEL STATUS
EN
D2
D1
DO
All Off
0
X
X
X
CH0
1
0
0
0
CH1
1
0
0
1
CH2
1
0
1
0
CH3
1
0
1
1
APPLICATIONS INFORMATION
Table 2. Logic Table for the LTC1598 Channel Selection
CHANNEL STATUS
EN
D2
D1
DO
All Off
0
X
X
X
CH0
1
0
0
0
CH1
1
0
0
1
CH2
1
0
1
0
CH3
1
0
1
1
CH4
1
1
0
0
CH5
1
1
0
1
CH6
1
1
1
0
CH7
1
1
1
1
Transfer Curve
The LTC1594/LTC1598 are permanently configured for
unipolar only. The input span and code assignment for
this conversion type is illustrated below.
Transfer Curve
VREF
4096
VIN
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
1594/98 • AI03
1LSB =
Output Code
OUTPUT CODE
•
•
•
1 1 1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1 1 0
0 0 0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5.000V)
4.99878V
4.99756V
•
•
•
0.00122V
0V
1594/98 • AI04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com