Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFDU4100 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # TFDU4100
Description  2.7-5.5V Serial Infrared Transceiver Module Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4100 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button TFDU4100 Datasheet HTML 4Page - Vishay Siliconix TFDU4100 Datasheet HTML 5Page - Vishay Siliconix TFDU4100 Datasheet HTML 6Page - Vishay Siliconix TFDU4100 Datasheet HTML 7Page - Vishay Siliconix TFDU4100 Datasheet HTML 8Page - Vishay Siliconix TFDU4100 Datasheet HTML 9Page - Vishay Siliconix TFDU4100 Datasheet HTML 10Page - Vishay Siliconix TFDU4100 Datasheet HTML 11Page - Vishay Siliconix TFDU4100 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
TFDU4100/TFDS4500/TFDT4500
TELEFUNKEN
Semiconductor
Pre-Release Information
12
Pending—Rev. A, 03-Apr-98
Recommended Solder Profile
0
80
100
260
60
40
20
120
200
220
180
160
140
240
0
50
100
150
200
250
300
350
_
Time (Seconds)
120 – 180 Seconds
90 s Max.
2 – 4
_C/Seconds
2 – 4
_C/Seconds
10 s Max. @ 230
_C
Current Derating Curve
0
400
500
300
200
100
600
–40
–20
0
20
40
60
80
100
Temperature (
_C)
120
140
Current derating as a function of the
maximum forward current of IRED.
Maximum duty cycle: 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com