Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFDU4100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFDU4100
Description  2.7-5.5V Serial Infrared Transceiver Module Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TFDU4100 Datasheet HTML 1Page - Vishay Siliconix TFDU4100 Datasheet HTML 2Page - Vishay Siliconix TFDU4100 Datasheet HTML 3Page - Vishay Siliconix TFDU4100 Datasheet HTML 4Page - Vishay Siliconix TFDU4100 Datasheet HTML 5Page - Vishay Siliconix TFDU4100 Datasheet HTML 6Page - Vishay Siliconix TFDU4100 Datasheet HTML 7Page - Vishay Siliconix TFDU4100 Datasheet HTML 8Page - Vishay Siliconix TFDU4100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TFDU4100/TFDS4500/TFDT4500
TELEFUNKEN
Semiconductor
Pre-Release Information
2
Pending—Rev. A, 03-Apr-98
Functional Block Diagram
Amplifier
Comparator
AGC
Logic
SC
Txd
VCC1/SD
Driver
GND
Open Collector Driver
Rxd
IRED Anode
IRED Cathode
VCC2
RS
Pin Assignment and Description
Pin Number
“ U ”, “ T ”
Option
“ S ”
Option
Function
Description
I/O
Active
1
8
IRED Anode
IRED anode, should be externally connected to VCC2 through a current
control resistor
2
1
IRED Cathode
IRED cathode, internally connected to driver transistor
3
7
Txd
Transmit Data Input
I
HIGH
4
2
Rxd
Received Data Output, push–pull CMOS driver output capable of driving a
standard CMOS or TTL load. No external pull–up or pull–down resistor is
required (20 k
Ω resistor internal to device). Pin is inactive during
transmission.
O
LOW
5
6
NC
Do not connect
6
3
VCC1/ SD
Supply Voltage/Shutdown (see “Shutdown” on page 6)
7
5
SC
Sensitivity control
I
HIGH
8
4
GND
Ground
1
234
5
6
7
8
IRED
Detector
12
3
4
5
6
7
8
1 2 345 6 7 8
IRED
Detector
IRED
Detector
”U” Option
BabyFace (Universal)
”S” Option
Side View
”T” Option
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com