Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFDU4100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TFDU4100
Description  2.7-5.5V Serial Infrared Transceiver Module Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4100 Datasheet(HTML) 5 Page - Vishay Siliconix

  TFDU4100 Datasheet HTML 1Page - Vishay Siliconix TFDU4100 Datasheet HTML 2Page - Vishay Siliconix TFDU4100 Datasheet HTML 3Page - Vishay Siliconix TFDU4100 Datasheet HTML 4Page - Vishay Siliconix TFDU4100 Datasheet HTML 5Page - Vishay Siliconix TFDU4100 Datasheet HTML 6Page - Vishay Siliconix TFDU4100 Datasheet HTML 7Page - Vishay Siliconix TFDU4100 Datasheet HTML 8Page - Vishay Siliconix TFDU4100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TFDU4100/TFDS4500/TFDT4500
TELEFUNKEN
Semiconductor
Pending—Rev. A, 03-Apr-98
5
Pre-Release Information
Optoelectronic Characteristics (Cont’d)
Parameter
Symbol
Test Conditionsa
Minb
Typc
Maxb
Unit
Transmitter
IRED Operating Currentd
ID
Current limiting resistor is series to
IRED: R1 = 8.2 Ω, VCC2 = 5V
0.3
0.4
A
Logic Low Transmitter Input Voltage
VIL (Txd)
0
0.8
V
Logic High Transmitter Input Voltage
VIH (Txd)
2.4
VCC1+0.5
V
Output Radiant Intensitye
IeH
Current limiting resistor in series to
IRED: R1 = 8.2Ω @ VCC2 = 5V, α =
±15_
45
140
200
mW/sr
Output Radiant Intensity
IeL
Logic Low Level
0.04
mW/sr
Angle of Half Intensity
α
±24
_
Peak Wavelength of Emission
λP
880
900
nm
Halfwidth of Emission Spectrum
60
nm
Optical Rise Time, Fall Time
tR, tF
115.2 kHz square wave signal, duty
cycle 1:1
200
600
ns
Optical Overshoot
25
%
Rising Edge Peak–to–Peak Jitter
tj
Over a period of 10 bits, independent
of information content
0.2
µs
Notes
a.
Tamb = 25_C, VCC = 2.7 – 5.5 V unless otherwise noted.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
IRED Operating Current can be adjusted by variation of R1
e.
In agreement with IEC 825 eye safety limit
Recommended Circuit Diagram
The only required components for designing an IrDA 1.2
compatible design using TEMIC SIR transceivers are a
current
limiting
resistor
to
the
IRED.
However,
depending on the entire system design and board layout,
additional components may be required (see Figure 1).
It is recommended that the capacitors C1 and C2 are
positioned as near as possible to the transceiver power
supply pins, as in the proposed layout in Figure 1. A
tantalum capacitor should be used for C1, while a ceramic
capacitor should be used for C2 to suppress RF noise.
Also, when connecting the described circuit to the power
supply, low impedance wiring should be used.
R1 is used for controlling the current through the IR
emitter. For increasing the output power of the IRED, the
value of the resistor should be reduced. Similarly, to
reduce the output power of the IRED, the value of the
resistor should be increased. For typical values of R1 see
Fig 2. For IrDA compliant operation, a current control
resistor of 8–12
Ω is recommended. The upper drive
current limitation is dependent on the duty cycle and is
given by the absolute maximum ratings on the data sheet
and the eye safety limitations given by IEC825–1.
IRED
Cathode
Rxd
VCC1/SD
GND
IRED
Anode
Txd
SC
NC
TFDx4x00
R1
C1
C2
R2
VCC2
VCC1/SD
Rxd
Txd
GND
SC
Note: Outlined components are optional depending on quality of
power supply.
Figure 1. Recommended Application Circuit
R2, C1 and C2 are optional and dependent on the quality
of the supply voltage VCC1 and injected noise. An



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com