Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFDU4100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TFDU4100
Description  2.7-5.5V Serial Infrared Transceiver Module Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4100 Datasheet(HTML) 3 Page - Vishay Siliconix

  TFDU4100 Datasheet HTML 1Page - Vishay Siliconix TFDU4100 Datasheet HTML 2Page - Vishay Siliconix TFDU4100 Datasheet HTML 3Page - Vishay Siliconix TFDU4100 Datasheet HTML 4Page - Vishay Siliconix TFDU4100 Datasheet HTML 5Page - Vishay Siliconix TFDU4100 Datasheet HTML 6Page - Vishay Siliconix TFDU4100 Datasheet HTML 7Page - Vishay Siliconix TFDU4100 Datasheet HTML 8Page - Vishay Siliconix TFDU4100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TFDU4100/TFDS4500/TFDT4500
TELEFUNKEN
Semiconductor
Pending—Rev. A, 03-Apr-98
3
Pre-Release Information
Ordering Information
Part Number
Qty/ Reel
Description
TFDU4100–TR3
1000 pcs
Oriented in carrier tape for side view surface mounting
TFDU4100–TT3
1000 pcs
Oriented in carrier tape for top view surface mounting
TFDS4500–TR3
750 pcs
TFDT4500–TR3
750 pcs
Absolute Maximum Ratings
Parameter
Symbol
Test Conditionsa
Minb
Typc
Maxb
Unit
Supply Voltage Range
VCC1
– 0.5
6
V
Voltage Range of IRED Drive Output
VCC2
IRED anode pin, Txd LOW
– 0.5
6
V
Input Currentsd
10
mA
Output Sink Current
25
mA
Power Dissipatione
PD
200
mW
Junction Temperature
TJ
125
Ambient Temperature Range (Operating)
Tamb
–25
85
°C
Storage Temperature Range
Tstg
–25
85
°C
Soldering Temperature
t = 20 s
215
240
Average IRED Current
IIRED (DC)
100
mA
Repetitive Pulsed IRED Current
IIRED (RP)
t < 90
µs, ton<20%
500
mA
IRED Anode Voltage at Current Output
VIREDA
– 0.5
6
Transmitter Data Input Voltage
VTxd
– 0.5
Vcc + 0.5
V
Receiver Data Output Voltage
VRxd
– 0.5
Vcc + 0.5
Virtual Source Sizef
d
2.5
2.8
mm
Maximum Intensity for Class 1 Operation of
IEC 825 or EN60825g
EN60825, 1997
400
mW/sr
Notes
a.
Reference point GND pin unless otherwise noted.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
All pins except IRED cathode pin and IRED anode pin.
e.
See Derating Curve
f.
Method: (1-1/e) encircled energy.
g.
Worst case IrDA SIR pulse pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com