Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1384CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1384CSW
Description  5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1384CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1384CSW Datasheet HTML 1Page - Linear Technology LTC1384CSW Datasheet HTML 2Page - Linear Technology LTC1384CSW Datasheet HTML 3Page - Linear Technology LTC1384CSW Datasheet HTML 4Page - Linear Technology LTC1384CSW Datasheet HTML 5Page - Linear Technology LTC1384CSW Datasheet HTML 6Page - Linear Technology LTC1384CSW Datasheet HTML 7Page - Linear Technology LTC1384CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1384
1384fa
The LTC
®1384 is an ultra-low power 2-driver/2-receiver
RS232 transceiver that operates from a single 5V
supply. The charge pump requires only four space-
saving 0.1µF capacitors.
The transceiver operates in one of two modes, Normal and
Shutdown. In the Normal mode, ICC is only 220µA with the
driver outputs unloaded. In the Shutdown mode, the
charge pump is turned off, the driver outputs are forced
into three-state, both receivers are kept active and ICC
drops to 35µA. The receiver outputs may be forced into
three-state at any time using the receiver enable (RX EN)
pin.
The LTC1384 is fully compliant with all data rate and
overvoltage RS232 specifications. The transceiver can
operate up to 120kbaud with a 2500pF, 3kΩ load. Both
driver outputs and receiver inputs can be forced to
±25V without damage and can survive multiple ±10kV
ESD strikes.
5V Low Power RS232
Transceiver with 2 Receivers
Active in Shutdown
■
Operates from a Single 5V Supply
Low Supply Current: ICC = 220µA
■
ICC = 35µA in Shutdown Mode with Both
Receivers Kept Alive
■
ESD Protection Over ±10kV
■
Uses Small Capacitors: 0.1µF
■
Operates to 120kBaud
■
Output Overvoltage Does Not Force Current
Back into Supplies
■
RS232 I/O Lines Can Be Forced to ±25V
Without Damage
■
Pin Compatible with LT1180A
■
Notebook Computers
■
Palmtop Computers
2-Drivers/2-Receivers with Shutdown
and Receiver Enable
Quiescent and Shutdown Supply Current
vs Temperature
TEMPERATURE (°C)
–20
0
200
400
600
800
1200
0
20
40
60
LTC1384 • TA02
80
1000
TEST CONDITION: VCC = 5V
0
10
20
30
40
60
50
QUIESCENT
CURRENT
SHUTDOWN
CURRENT
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTC1384 • TA01
LTC1384
2
4
0.1µF
17
VCC = 5V
3
0.1µF
7
0.1µF
0.1µF
5
6
232 OUTPUT
15
8
232 OUTPUT
14
232 INPUT
5k
9
232 INPUT
16
12
11
13
10
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
5k
18
ON/OFF
RX EN
1
300k
VCC
300k
VCC


Similar Part No. - LTC1384CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1384CSW LINER-LTC1384CSW Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
More results

Similar Description - LTC1384CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349_1 Datasheet
119Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349_15 Datasheet
125Kb / 8P
5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com