Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1384CSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1384CSW
Description  5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1384CSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1384CSW Datasheet HTML 1Page - Linear Technology LTC1384CSW Datasheet HTML 2Page - Linear Technology LTC1384CSW Datasheet HTML 3Page - Linear Technology LTC1384CSW Datasheet HTML 4Page - Linear Technology LTC1384CSW Datasheet HTML 5Page - Linear Technology LTC1384CSW Datasheet HTML 6Page - Linear Technology LTC1384CSW Datasheet HTML 7Page - Linear Technology LTC1384CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1384
1384fa
VCC Supply Current
vs Temperature
Driver Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
0
0
2
6
8
10
40
18
LTC1384 • TPC04
4
20
10
50
30
60
70
12
14
16
2 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
RL = 3k
TEMPERATURE (°C)
0
0
2
6
8
10
40
18
LTC1384 • TPC05
4
20
10
50
30
60
70
12
14
16
ISC
–
ISC
+
Receiver Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
0
10
30
20
40
LTC1384 • TPC06
20
10
ISC
+
ISC
–
50
30
60
70
40
50
Driver Leakage in Shutdown
vs Temperature
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
LTC1384 • TPC07
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
Driver Output Waveforms
Receiver Output Waveforms
LTC1384 • TPC08
INPUT
RECEIVER
OUTPUT
CL = 51pF
INPUT
LTC1384 • TPC09
DRIVER
OUTPUT
RL = 3k
CL = 2500pF
DRIVER
OUTPUT
RL = 3k
5µs/DIV
5µs/DIV
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com