Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1384CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1384CSW
Description  5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1384CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1384CSW Datasheet HTML 1Page - Linear Technology LTC1384CSW Datasheet HTML 2Page - Linear Technology LTC1384CSW Datasheet HTML 3Page - Linear Technology LTC1384CSW Datasheet HTML 4Page - Linear Technology LTC1384CSW Datasheet HTML 5Page - Linear Technology LTC1384CSW Datasheet HTML 6Page - Linear Technology LTC1384CSW Datasheet HTML 7Page - Linear Technology LTC1384CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1384
1384fa
DC ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Supply current is measured with driver and receiver outputs
unloaded.
Note 3: Measurements made in the Shutdown mode are performed
with VON/OFF = 0V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Slew Rate
RL = 3k, CL = 51pF
8
30
V/µs
RL = 3k, CL = 2500pF
3
5
V/µs
Driver Propagation Delay
tHLD (Figure 1)
●
2
3.5
µs
(TTL to RS232)
tLHD (Figure 1)
●
2
3.5
µs
Receiver Propagation Delay
tHLR (Figure 2)
●
0.3
0.8
µs
(RS232 to TTL)
tLHR (Figure 2)
●
0.3
0.8
µs
Driver Output Voltage
vs Temperature
TEMPERATURE (˚C)
0
1.8
2.0
2.2
30
50
VTH
VTL
1.6
1.4
10
20
40
60
70
1.2
1.0
DATA RATE (kBAUD)
0
0
5
15
20
25
100
45
10
50
25
125
75
150
175
30
35
40
VCC = 5V
RL = 3k
CL = 2500pF
2 DRIVERS ACTIVE
Receiver Input Thresholds
vs Temperature
Supply Current vs Data Rate
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
0
–8
–6
–2
0
2
40
10
–4
20
10
50
60
30
70
4
6
8
RL = 3k
VCC = 5V
VCC = 4.5V
OUTPUT HIGH
VCC = 4.5V
VCC = 5V
OUTPUT LOW
The ● denotes specifications which apply over the full operating temperature range.
VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF,unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–15
– 40
mA
Sourcing Current, VOUT = 0V
10
20
mA
Output Leakage Current
EN = VCC, 0V ≤ VOUT ≤ VCC
●
110
µA
Power Supply Generator
V+ Output Voltage
IOUT = 0mA
8.0
V
IOUT = 8mA
7.5
V
V– Output Voltage
IOUT = 0mA
– 8.0
V
IOUT = – 8mA
– 7.0
V
Supply Rise Time
Shutdown to Turn-On
0.2
ms
Power Supply
VCC Supply Current
No Load (Note 2), 0°C to 70°C
●
0.22
0.5
mA
No Load (Note 2), –40°C to 85°C
●
0.35
1.0
mA
Supply Leakage Current (VCC)Shutdown (Note 3)
●
35
50
µA
Digital Input Threshold Low
●
1.4
0.8
V
Digital Input Threshold High
●
2.0
1.4
V
The ● denotes specifications which apply over the full operating
temperature range. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, VON/OFF = VCC, RX EN = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com