Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1384CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1384CSW
Description  5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1384CSW Datasheet(HTML) 6 Page - Linear Technology

  LTC1384CSW Datasheet HTML 1Page - Linear Technology LTC1384CSW Datasheet HTML 2Page - Linear Technology LTC1384CSW Datasheet HTML 3Page - Linear Technology LTC1384CSW Datasheet HTML 4Page - Linear Technology LTC1384CSW Datasheet HTML 5Page - Linear Technology LTC1384CSW Datasheet HTML 6Page - Linear Technology LTC1384CSW Datasheet HTML 7Page - Linear Technology LTC1384CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1384
1384fa
Driver Timing Test Load
Receiver Timing Test Load
RX
RX INPUT
51pF
RX
OUTPUT
LTC1384 • TA04
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
LTC1384 • TA03
TEST CIRCUITS
LTC1384 • TA04
LTC1384
2
4
0.1µF
17
VCC
3
0.1µF
7
0.1µF
0.1µF
5
6
232 OUTPUT
RS232
LINE PINS
PROTECTED
TO ±10kV
15
8
232 OUTPUT
300k
14
232 INPUT
5k
9
232 INPUT
16
12
11
13
10
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
300k
5k
18
ON/OFF
VCC
VCC
ESD Test Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com