Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4261IGN
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4261IGN Datasheet HTML 6Page - Linear Technology LTC4261IGN Datasheet HTML 7Page - Linear Technology LTC4261IGN Datasheet HTML 8Page - Linear Technology LTC4261IGN Datasheet HTML 9Page - Linear Technology LTC4261IGN Datasheet HTML 10Page - Linear Technology LTC4261IGN Datasheet HTML 11Page - Linear Technology LTC4261IGN Datasheet HTML 12Page - Linear Technology LTC4261IGN Datasheet HTML 13Page - Linear Technology LTC4261IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4261/LTC4261-2
10
42612fb
UVLO:
VIN = 9V
INTVCC = 4.25V
VEE
VEE
VEE
VSENSE
50mV
VEE
VEE
VIN
VIN
VCC
SSA
SSC
ACL
UVL
UVH
OV
20
µA
INTVCC
GATE
RAMP
SENSE
2.56V
2.291V
10
µA
50nA
3pF
5V
11.2V
+
–
+
–
+
–
2.56V
1.77V
+
–
2.56V
5
µA5µA
TMR
TMR
ADR0
VEE
ADR1
I2C DEVICE ADDRESS
SINGLE-WIRE ENABLE
OV
UVH
UVL
SS
12mA
5
µA
8
+
–
LOGIC
ADIN
ADIN2/OV
A0
VSENSE
MUX
REGISTER
I2C
INTERFACE
•
•
A7
A8
10
10
VREF = 2.56V
10-BIT ADC
42612 BD
VEE
VEE
VEE
+ –
40
×
PG
PGIO
FLTIN
PGI
EN
ON
1.77V
DC
GC
4V
VZ – 1.2V
GATE
DRAIN
SCL
SDAI
SDAO
ALERT
DECODER
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com