Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4261IGN
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4261IGN Datasheet HTML 2Page - Linear Technology LTC4261IGN Datasheet HTML 3Page - Linear Technology LTC4261IGN Datasheet HTML 4Page - Linear Technology LTC4261IGN Datasheet HTML 5Page - Linear Technology LTC4261IGN Datasheet HTML 6Page - Linear Technology LTC4261IGN Datasheet HTML 7Page - Linear Technology LTC4261IGN Datasheet HTML 8Page - Linear Technology LTC4261IGN Datasheet HTML 9Page - Linear Technology LTC4261IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4261/LTC4261-2
6
42612fb
Shunt Regulator Voltage
vs Input Current
Shunt Regulator Voltage
vs Temperature
INTVCC vs Load Current
GATE Output High Voltage
vs Temperature
GATE Pull-Up Current
vs GATE Voltage
RAMP Pin Current vs Temperature
UVH Threshold vs Temperature
UVL Threshold vs Temperature
IIN = 5mA, TA = 25°C, unless otherwise noted
SHUNT REGULATOR VOLTAGE AT VIN (V)
10.8
0
5
10
15
20
25
30
11
11.2
11.4
11.6
42612 G01
11.8
TEMPERATURE (
°C)
–50
11.10
11.15
11.20
11.25
11.30
11.35
–25
025
50
42612 G02
75
100
IIN = 5mA
LOAD CURRENT (mA)
0
5.00
5.02
20
42612 G03
4.98
4.96
5
10
15
5.06
5.04
IIN = 25mA
TEMPERATURE (
°C)
–50
10.0
10.1
10.2
10.3
10.4
–25
025
50
42612 G04
75
100
10.5
VIN = 10.65V
GATE Turn-Off Current
vs GATE Voltage
VGS (V)
0
0
25
50
75
100
125
150
246
8
42612 G06
10
VSENSE = 300mV
TEMPERATURE (
°C)
–50
2.545
2.550
2.555
2.560
2.565
2.575
–25
025
50
42612 G08
75
100
2.570
TEMPERATURE (
°C)
–50
2.275
2.280
2.285
2.290
2.295
2.305
–25
025
50
42612 G09
75
100
2.300
GATE VOLTAGE (V)
0
–12
–2
–4
–6
–8
0
2
46
8
42612 G05
10
12
–10
TEMPERATURE (
°C)
–50
–19.0
–19.5
–20.0
–20.5
–21.0
–22.0
–25
025
50
42612 G07
75
100
–21.5
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com